Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 22 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology LT1777CS Datasheet HTML 19Page - Linear Technology LT1777CS Datasheet HTML 20Page - Linear Technology LT1777CS Datasheet HTML 21Page - Linear Technology LT1777CS Datasheet HTML 22Page - Linear Technology LT1777CS Datasheet HTML 23Page - Linear Technology LT1777CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LT1777
TYPICAL APPLICATIONS
Figure 14. Output Node Ripple
2
µs/DIV
(b) After Output Filter
2
µs/DIV
1777 F13a
(a) Before Output Filter
VOUT NODE
AC COUPLED
2mV/DIV
1777 F14b
User Programmable Undervoltage Lockout
Figure 15 uses a resistor divider between VIN and ground
to drive the SHDN node. This is a simple, cost-effective
way to add a user-programmable undervoltage lockout
(UVLO) function. Resistor R5 is chosen to have approxi-
mately 200
µA through it at the nominal SHDN pin lockout
threshold of roughly 1.25V. The somewhat arbitrary value
of 200
µA was chosen to be significantly above the SHDN
pin input current to minimize its error contribution, but
significantly below the typical 2.5mA the LT1777 draws in
lockout mode. Resistor R4 is then chosen to yield this
same 200
µA, less 2.5µA, with the desired VIN UVLO volt-
age minus 1.25V across it. (The 2.5mA factor is an allow-
ance to minimize error due to SHDN pin input current.)
Behavior is as follows: Normal operation is observed at the
nominal input voltage of 24V. As the input voltage is
decreased to roughly 18V, switching action will stop, VOUT
will drop to zero, and the LT1777 will draw its VIN and VCC
quiescent currents from the VIN supply. At a lower input
voltage, typically 10V or so at 25
°C, the voltage on the
SHDN pin will drop to the shutdown threshold, and the part
will draw its shutdown current only from the VIN rail. The
resistive divider of R4 and R5 will continue to draw power
from VIN. (The user should be aware that while the SHDN
pin
lockout threshold is relatively accurate including
temperature effects, the SHDN pin shutdown threshold is
more coarse, and exhibits considerably more temperature
drift. Nevertheless the
shutdown threshold will always be
well below the lockout threshold.)
Figure 15. User Programmable UVLO
R4
84.5k
1%
R5
6.19k
1%
C5
100pF
SHDN
LT1777
1777 F15
VIN
VOUT NODE
AC COUPLED
2mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com