Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 24 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology LT1777CS Datasheet HTML 19Page - Linear Technology LT1777CS Datasheet HTML 20Page - Linear Technology LT1777CS Datasheet HTML 21Page - Linear Technology LT1777CS Datasheet HTML 22Page - Linear Technology LT1777CS Datasheet HTML 23Page - Linear Technology LT1777CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LT1777
©LINEAR TECHNOLOGY CORPORATION 1999
1777f LT/TP 0899 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
circuit is capable of delivering up to 300mA at 5V, from
input voltages as high as 28V. The only disadvantage is
that due to the increased resistance in the inductor, the
circuit is no longer capable of withstanding indefinite short
circuits to ground. The LT1777 will still current limit at its
nominal ILIM value, but this will overheat the inductor.
Momentary short circuits of a few seconds or less can still
be tolerated.
TYPICAL APPLICATION
Minimum PC Board Size Application
The previously described basic applications employ power
path parts which are capable of delivering the full rated
input supply voltage and output current capabilities of the
LT1777. A substantial improvement in printed circuit
board area requirements can be achieved with the circuit
shown below. This uses a physically smaller and less
costly power inductor and a tantalum input capacitor. This
PART NUMBER
DESCRIPTION
COMMENTS
LT1076
100kHz, 2A Step-Down Switching Regulator
Integrated 2A Switch, VIN Up to 46V
LT1533
Ultralow Noise 1A Switching Regulator
Push-Pull Design for Low Noise Isolated Supplies
LT1534
Ultralow Noise 2A Switching Regulator
Ultralow Noise Regulator for Boost Topologies
LT1576
200kHz, 1.5A Step-Down Switching Regulator
Output Up to 1.25A, Integrated Switch, SO-8 Package
LTC1622
Low VIN Step-Down DC/DC Controller
Fixed Frequency 550kHz Operation, MSOP Package
LTC1624
High Efficiency SO-8 DC/DC Controller
200kHz Operation, VIN from 3.5V to 36V, SO-8 Package
LT1676/LT1776
Wide Input Range, High Efficiency, Step-Down Voltage Regulator 7.4V to 60V Input, 100/200kHz Operation, 700mA Internal Switch
RELATED PARTS
+
VIN
VCC
VSW
LT1777
VD
SHDN
SYNC
4
10
7
6
D1
L1
0
µH TO 2.2µH
(SEE BELOW)
L2
200
µH
C2
100
µF
10V
R1
36.5k
1%
1777 TA03
VOUT
5V
R2
12.1k
1%
5
3
VIN
10V TO 28V
12
14
13
VC
FB
SGND
+
C1
22
µF
35V
R3
12k
C3
2200pF
C4
100pF
C1: AVX E CASE TPSE226M035R0300
C2: AVX D CASE TPSD107M010R0080
C3, C4, C5: NPO OR X7R
C6, C7: Z5U
D1: MOTOROLA 100V, 1A SMD SCHOTTKY
MBRS1100
L1: SENSE INDUCTOR CAN VARY FROM 0
µH TO 2.2µH
AS PER APPLICATION. SEE PREVIOUS SCHEMATICS
FOR EXAMPLES
L2: COILCRAFT CTX200-1 OR SIMILAR
C5
100pF
C6
0.1
µF
C7
0.1
µF
Minimum PC Board Area Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com