Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 7Page - Linear Technology LT1777CS Datasheet HTML 8Page - Linear Technology LT1777CS Datasheet HTML 9Page - Linear Technology LT1777CS Datasheet HTML 10Page - Linear Technology LT1777CS Datasheet HTML 11Page - Linear Technology LT1777CS Datasheet HTML 12Page - Linear Technology LT1777CS Datasheet HTML 13Page - Linear Technology LT1777CS Datasheet HTML 14Page - Linear Technology LT1777CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LT1777
APPLICATIONS INFORMATION
current waveform. The four sense inductor values of 0
µH,
0.47
µH, 1µH and 2.2µH yield dI/dt rates of roughly
4.5A/
µs, 2.2A/µs, 1.4A/µs and 0.6A/µs, respectively.
These photos show that there is a minimum effective value
for sense inductance, which is 0.47
µH for a typical part at
room temperature as shown. This value inductor has a
small effect on the trailing edge rate, but essentially no
effect on the rising edge. Minimum effective sense induc-
tance value means that inductors much smaller than this
value will have substantially the same performance as zero
inductance, such that these inductors serve no useful
purpose.
In summary,
1. The LT1777 uses an external sense inductor to set a
theoretical limit for current ramp rate according to the
formula:
Max dI dt
V
L
BE
SENSE
/
=
2
2. Allowable range for the sense inductor runs from a
minimum of 0 to a maximum of:
Max L
L
V
Max V
V
SENSE
MAIN
IN
OUT
=


05
.
–
3. The minimum effective inductor size is typically 0.47
µH.
Harmonic Behavior
The LT1676 is a high efficiency “cousin” to the LT1777. An
additional set of oscilloscope photographs in Figure 3
show the leading edge and trailing edge of the current
waveform when this part is substituted for the LT1777.
(No sense inductor is used with the LT1676.) The leading
and trailing edges of the LT1676 current waveform are
much faster than that of the LT1777, even when the
LT1777 uses a sense inductor of 0
µH. The 10% to 90%
rise time/fall time is on the order of 10ns to 20ns, too fast
to measure accurately at the horizontal sweep rate of
200ns/DIV.
While this time-based analysis demonstrates that the
current waveform of the LT1777 is quieter than standard
high efficiency buck converters, some users may prefer to
see a direct comparison on a frequency domain basis.
Figures 4a, 4b, and 4c show a spectral analysis of the
current waveforms. The horizontal axis is 2MHz/DIV (0MHz
to 20MHz), and the vertical axis is 10dB/DIV. All photos
were taken with VIN = 24V and VOUT = 5V at 400mA. Figure
4a is of the LT1676 and is for comparison purposes.
Figures 4b and 4c are of the LT1777 with a sense inductor
of 0
µH and 2.2µH, respectively. A decrease in high fre-
quency energy is seen when going from the LT1676 to the
LT1777 with no sense inductor, and a further improve-
ment with a 2.2
µH sense inductor. For example, at 10MHz,
the LT1777 shows an improvement of about –10dB with
0
µH and perhaps –25dB with 2.2µH.
200ns/DIV
1777 F03a
(a) Leading Edge
Figure 3. LT1676 Current Behavior for Comparison Purposes Only
200ns/DIV
1777 F03b
(b) Trailing Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com