Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1777CS Datasheet(PDF) 17 Page - Linear Technology

Part # LT1777CS
Description  Low Noise Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1777CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1777CS Datasheet HTML 13Page - Linear Technology LT1777CS Datasheet HTML 14Page - Linear Technology LT1777CS Datasheet HTML 15Page - Linear Technology LT1777CS Datasheet HTML 16Page - Linear Technology LT1777CS Datasheet HTML 17Page - Linear Technology LT1777CS Datasheet HTML 18Page - Linear Technology LT1777CS Datasheet HTML 19Page - Linear Technology LT1777CS Datasheet HTML 20Page - Linear Technology LT1777CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LT1777
TYPICAL APPLICATIONS
Basic 5V Output Application
Figure 8 shows a basic application that produces 5V at up
to 500mA IOUT. Efficiency and Internal Power Dissipation
graphs are shown in Figure 9 for input voltages of 12V,
24V and 36V, and for sense inductor values of 0
µH, 1µH
and 2.2
µH. Be aware that continuous operation at the
combination of high input voltage, large sense inductor
and high output current may not be possible due to
thermal constraints. (Brief transients in input voltage or
output current should not present a problem, though.) As
shown, the SHDN and SYNC pins are unused, however
either (or both) can be optionally driven by external signals
as desired.
The data as shown were performed using an off-the-shelf
Coilcraft DO3316-224 as the main inductor. This is a
cost-effective inductor using an open style of construc-
tion. For a toroidal style inductor, the Coiltronics
CTX250-4 or similar may be substituted.
+
VIN
VCC
VSW
LT1777
VD
SHDN
SYNC
4
10
7
6
D1
L1
0
µH TO 2.2µH
(SEE BELOW)
L2
220
µH
C2
100
µF
10V
R1
36.5k
1%
1777 F08
VOUT
5V
R2
12.1k
1%
5
3
VIN
10V TO 40V
12
14
13
VC
FB
SGND
+
C1
39
µF
63V
R3
12k
C3
2200pF
C4
100pF
C1: PANASONIC HFQ ELECTROLYTIC
C2: AVX D CASE TPSD107M010R0080
C3, C4, C5: NPO OR X7R
C6, C7: Z5U
D1: MOTOROLA 100V, 1A SMD SCHOTTKY
MBRS1100
L1: SENSE INDUCTOR CAN VARY FROM 0
µH TO 2.2µH
AS PER APPLICATION. GRAPHICAL DATA TAKEN WITH:
1
µH = D01608C-102, COILCRAFT OR SIMILAR
2.2
µH = D01608C-222, COILCRAFT OR SIMILAR (SEE TEXT)
L2: COILCRAFT D03316-224 OR SIMILAR (SEE TEXT)
C5
100pF
C6
0.1
µF
C7
0.1
µF
Figure 8. Basic 5V Output Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com