Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 4Page - Linear Technology LTC1283CS Datasheet HTML 5Page - Linear Technology LTC1283CS Datasheet HTML 6Page - Linear Technology LTC1283CS Datasheet HTML 7Page - Linear Technology LTC1283CS Datasheet HTML 8Page - Linear Technology LTC1283CS Datasheet HTML 9Page - Linear Technology LTC1283CS Datasheet HTML 10Page - Linear Technology LTC1283CS Datasheet HTML 11Page - Linear Technology LTC1283CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1283
S
APPLICATI
I FOR ATIO
The LTC1283 is a 3V data acquisition component which
contains the following functional blocks:
1. 10-bit successive approximation capacitive
A/D converter
2. Analog multiplexer (MUX)
3. Sample-and-hold (S&H)
4. Synchronous, full duplex serial interface
5. Control and timing logic
DIGITAL CONSIDERATIONS
1. Serial Interface
The LTC1283 communicates with microprocessors and
other external circuitry via a synchronous, full duplex, 4-
wire serial interface (see Operating Sequence). The shift
clock (SCLK) synchronizes the data transfer with each bit
being transmitted on the falling SCLK edge and captured
on the rising SCLK edge in both transmitting and receiving
systems. The data is transmitted and received simulta-
neously (full duplex).
Data transfer is initiated by a falling chip select (CS) signal.
After the falling CS is recognized, an 8-bit input word is
shifted into the DIN input which configures the LTC1283
for the next conversion. Simultaneously, the result of the
previous conversion is output on the DOUT line. At the end
of the data exchange the requested conversion begins
and CS should be brought high. After tCONV, the conver-
sion is complete and the results will be available on the
next data transfer cycle. As shown below, the result of
a conversion is delayed by one CS cycle from the input
word requesting it.
2. Input Data Word
The LTC1283 8-bit input data word is clocked into the DIN
input on the first eight rising SCLK edges after chip select
is recognized. Further inputs on the DIN pin are then
ignored until the next CS cycle. The eight bits of the input
word are defined as follows:
DIN
DOUT DOUT WORD 0
DIN WORD 1
DATA
TRANSFER
DOUT WORD 2
DIN WORD 3
DOUT WORD 1
DIN WORD 2
DATA
TRANSFER
tCONV
A/D
CONVERSION
tCONV
A/D
CONVERSION
LTC1283 • AI02
Operating Sequence
(Example: Differential Inputs (CH3-CH2), Bipolar, MSB-First and 10-Bit Word Length)
SGL/
DIFF
SELECT
1
SELECT
0
UNI
MSBF
WL1
MUX ADDRESS
MSB-FIRST/
LSB-FIRST
UNIPOLAR/
BIPOLAR
WORD
LENGTH
LTC1283 • AI03
ODD/
SIGN
WL0
DATA INPUT (DIN) WORD:
1
2
3
45
67
8
9
10
B9
(SB)
B8
B7
B6
B5
B4
B3
B2
B1
B0
SCLK
DIN
DOUT
CS
LTC1283 • AI01
SGL/
DIFF
ODD/
SIGN
tCONV
tSMPL
tCYC
DON’T CARE
DON’T CARE
SEL
1
SEL
0
UNI
MSBF
WL1
WL0
SHIFT CONFIGURATION
WORD IN
SHIFT A/D RESULT OUT AND
NEW CONFIGURATION WORD IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com