Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 5Page - Linear Technology LTC1283CS Datasheet HTML 6Page - Linear Technology LTC1283CS Datasheet HTML 7Page - Linear Technology LTC1283CS Datasheet HTML 8Page - Linear Technology LTC1283CS Datasheet HTML 9Page - Linear Technology LTC1283CS Datasheet HTML 10Page - Linear Technology LTC1283CS Datasheet HTML 11Page - Linear Technology LTC1283CS Datasheet HTML 12Page - Linear Technology LTC1283CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1283
S
APPLICATI
I FOR ATIO
Multiplexer (MUX) Address
The first four bits of the input word assign the MUX
configuration for the requested conversion. For a given
channel selection, the converter will measure the voltage
between the two channels indicted by the + and – signs in
the selected row of Table 1. Note that in differential mode
(SGL/DIFF = 0) measurements are limited to four adjacent
input pairs with either polarity. In single-ended mode, all
input channels are measured with respect to COM. Figure
1 shows some examples of multiplexer assignments.
0
1
2
3
4
5
6
7
CHANNEL
COM (
–)
8 Single-Ended
+
+
+
+
+
+
+
0,1
CHANNEL
4 Differential
2,3
4,5
6,7
+ (–)
+
+ (–)
+ (–)
+ (–)
– (+)
– (+)
– (+)
– (+)
4
5
6
7
CHANNEL
COM (
–)
Combinations of Differential and Single-Ended
+
+
+
+
+
+
0,1
2,3
–
–
COM (UNUSED)
Changing the MUX Assignment “On the Fly”
COM (
–)
4,5
6,7
5,4
1ST CONVERSION
2ND CONVERSION
+
–
+
–
+
–
+
+
7
6
{
{
{
{
{
{
{
{
{
{
LTC1283 • F01
Figure 1. Examples of Multiplexer Options on the LTC1283
SGL/
DIFF
0
0
0
0
0
0
0
0
0DD/
SIGN
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
SELECT
0
0
1
0
1
0
1
0
1
0
+
–
7
–
+
1
–
+
2
+
–
3
–
+
4
+
–
5
–
+
6
+
–
MUX ADDRESS
DIFFERENTIAL CHANNEL SELECTION
SGL/
DIFF
1
1
1
1
1
1
1
1
0DD/
SIGN
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
SELECT
0
0
1
0
1
0
1
0
1
0
+
7
+
1
+
2
+
3
+
4
+
5
+
6
+
MUX ADDRESS
SINGLE-ENDED CHANNEL SELECTION
COM
–
–
–
–
–
–
–
–
Table 1. Multiplexer Channel Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com