Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1283CS Datasheet HTML 1Page - Linear Technology LTC1283CS Datasheet HTML 2Page - Linear Technology LTC1283CS Datasheet HTML 3Page - Linear Technology LTC1283CS Datasheet HTML 4Page - Linear Technology LTC1283CS Datasheet HTML 5Page - Linear Technology LTC1283CS Datasheet HTML 6Page - Linear Technology LTC1283CS Datasheet HTML 7Page - Linear Technology LTC1283CS Datasheet HTML 8Page - Linear Technology LTC1283CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1283
3V Single Chip 10-Bit Data
Acquisition System
DESCRIPTIO
S
FEATURE
s
Single Supply 3.3V or
±3.3V Operation
s
Software Programmable Features:
Unipolar/Bipolar Conversions
4 Differential/8 Single-Ended Inputs
MSB- or LSB-First Data Sequence
Variable Data Word Length
s
Built-In Sample-and-Hold
s
Direct 4-Wire Interface to Most MPU Serial Ports
and all MPU Parallel Ports
s
15kHz Maximum Throughput Rate
APPLICATI
TYPICAL
Linearity Plot
KEY SPECIFICATIO S
s
Minimum Guaranteed Supply Voltage: 3V
s
Resolution: 10 Bits
s
Offset Error:
±0.5LSB Max
s
Linearity Error:
±0.5LSB Max
s
Gain Error (LTC1283A):
±1LSB Max
s
Conversion Time: 44
µs
s
Supply Current: 350
µA Max, 150µA Typ
OUTPUT CODE
0
0
0.5
1024
LTC1283 • TA02
–0.5
– 1.0
512
1.0
The LTC1283 is a 3V data acquisition component which
contains a serial I/O successive approximation A/D con-
verter. It uses LTCMOS
TM switched capacitor technology
to perform either 10-bit unipolar, or 9-bit plus sign bipolar
A/D conversions. The 8-channel input multiplexer can be
configured for either single-ended or differential inputs (or
combinations thereof). An on-chip sample-and-hold is
included for all single-ended input channels.
The serial I/O is designed to be compatible with industry-
standard full-duplex serial interfaces. It allows either MSB-
or LSB-first data and automatically provides 2’s comple-
ment output coding in the bipolar mode. The output data
word can be programmed for a length of 8-, 10-, 12-, or
16-bit. This allows easy interface to shift registers and a
variety of processors.
Both the LTC1283A and LTC1283 are specified with offset
and linearity errors less than
±0.5LSB. The LTC1283A has
a gain error limit of
±1LSB. The 1283 is specified with a
gain error limit of
±2LSB for applications where gain is
adjustable or less critcial.
LTCMOS is a trademark of Linear Technology Corp.
DIFFERENTIAL
INPUT
LTC1283
3V
BIPOLAR
INPUT
–3V
3V
T
–3V
UNIPOLAR
INPUTS
(+)
(–)
–UNIPOLAR
INPUT
MPU
(e.g., 83CL410)
P1.1
P1.2
P1.3
P1.4
SERIAL DATA LINK
FOR 83CL410 CODE SEE
APPLICATIONS INFORMATION SECTION
LTC1283 • TA01
DOUT
DIN
SCLK
CS
4.7
µF
3V


Similar Part No. - LTC1283CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1283CN LINER-LTC1283CN Datasheet
343Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
More results

Similar Description - LTC1283CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090 LINER-LTC1090 Datasheet
344Kb / 28P
Single Chip 10-Bit Data Acquisition System
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1287 LINER-LTC1287 Datasheet
324Kb / 16P
3V Single Chip 12-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1287 LINER-LTC1287_1 Datasheet
320Kb / 16P
3V Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
Single Chip 10-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com