Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 14Page - Linear Technology LTC1283CS Datasheet HTML 15Page - Linear Technology LTC1283CS Datasheet HTML 16Page - Linear Technology LTC1283CS Datasheet HTML 17Page - Linear Technology LTC1283CS Datasheet HTML 18Page - Linear Technology LTC1283CS Datasheet HTML 19Page - Linear Technology LTC1283CS Datasheet HTML 20Page - Linear Technology LTC1283CS Datasheet HTML 21Page - Linear Technology LTC1283CS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1283
S
APPLICATI
I FOR ATIO
Figure 10. “+” and “–” Input Settling Windows
“+” Input Settling
This input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 10). The sample
phase starts at the 4th SCLK cycle and lasts until the falling
edge of the last SCLK (the 8th, 10th, 12th or 16th SCLK
cycle depending on the selected word length). The voltage
on the “+” input must settle completely within this sample
time. Minimizing RSOURCE+ and C1 will improve the input
settling time. If large “+” input source resistance must be
used, the sample time can be increased by using a slower
SCLK frequency or selecting a longer word length. With
the minimum possible sample time of 8
µs, RSOURCE+ < 2k
and C1 < 20pF will provide adequate settling.
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figure 10).
During the conversion, the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the
conversion result. However, it is critical that the “–” input
voltage be free of noise and settle completely during the
first four ACLK cycles of the conversion time. Minimizing
RSOURCE– and C2 will improve settling time. If large “–”
input source resistance must be used, the time allowed for
settling can be extended by using a slower ACLK fre-
quency. At the maximum ACLK rate of 1MHz, RSOURCE–
< 1k and C2 < 20pF will provide adequate settling.
HORIZONTAL: 1
µs/DIV
Figure 11. Adequate Settling of Op Amp Driving Analog Input
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 10). Again, the “+” and “–” input sampling
times can be extended as described above to accommo-
date slower op amps. Most op amps including the LT1006
and LT1013 single supply op amps can be made to settle
well even with the minimum settling windows of 8
µs (“+”
input) and 4
µs (“–” input) which occur at the maximum
clock rates (ACLK = 1MHz and SCLK = 0.5MHz). Figures 11
and 12 show examples of adequate and poor op amp
settling.
SCLK
CS
“+” INPUT
ACLK
LTC1283 • F10
1
234
• • •
• • •
• • •
MUX ADDRESS
SHIFTED IN
tSMPL
LAST SCLK (8TH, 10TH, 12TH OR 16TH DEPENDING ON WORD LENGTH)
1
234
1ST BIT TEST
“–” INPUT MUST SETTLE
DURING THIS TIME
SAMPLE
HOLD
“+” INPUT
MUST SETTLE
DURING THIS TIME
“–” INPUT
• • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com