Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 8Page - Linear Technology LTC1283CS Datasheet HTML 9Page - Linear Technology LTC1283CS Datasheet HTML 10Page - Linear Technology LTC1283CS Datasheet HTML 11Page - Linear Technology LTC1283CS Datasheet HTML 12Page - Linear Technology LTC1283CS Datasheet HTML 13Page - Linear Technology LTC1283CS Datasheet HTML 14Page - Linear Technology LTC1283CS Datasheet HTML 15Page - Linear Technology LTC1283CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1283
S
APPLICATI
I FOR ATIO
Figure 2. Data Output (DOUT) Timing with Different Word Lengths
tSMPL
B9
1
tCONV
B8
B7
B6
B5
B2
(SB)
8-Bit Word Length
SCLK
CS
DOUT
LSB-FIRST
tSMPL
B9
1
tCONV
(SB)
12-Bit Word Length
SCLK
CS
DOUT
LSB-FIRST
10
12
DOUT
MSB-FIRST
DOUT
MSB-FIRST
(SB)
tSMPL
1
tCONV
16-Bit Word Length
10
16
FILL
ZEROES
*
* IN UNIPOLAR MODE, THESE BITS ARE FILLED WITH ZEROES.
IN BIPOLAR MODE, THE SIGN BIT IS EXTENDED INTO THESE LOCATIONS.
LTC1283 • F02
B4
B3
B0
B1
B2
B3
B4
B7
B5
B6
B8
B7
B6
B5
B4
B3
B2
B1
B0
FILL
ZEROES
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
*
*
SCLK
CS
DOUT
LSB-FIRST
DOUT
MSB-FIRST
B9
(SB)
(SB)
B8
B7
B6
B5
B4
B3
B2
B1
B0
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
THE LAST TWO BITS
ARE TRUNCATED
tSMPL
B9
1
tCONV
B8
B7
B6
B5
B2
(SB)
10-Bit Word Length
SCLK
CS
DOUT
LSB-FIRST
DOUT
MSB-FIRST
B4
B3
B0
B1
B2
B3
B4
B7
B5
B6
10
8
B1
B0
B8
B9
(SB)
*****



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com