Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 3Page - Linear Technology LTC1283CS Datasheet HTML 4Page - Linear Technology LTC1283CS Datasheet HTML 5Page - Linear Technology LTC1283CS Datasheet HTML 6Page - Linear Technology LTC1283CS Datasheet HTML 7Page - Linear Technology LTC1283CS Datasheet HTML 8Page - Linear Technology LTC1283CS Datasheet HTML 9Page - Linear Technology LTC1283CS Datasheet HTML 10Page - Linear Technology LTC1283CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1283
TEST CIRCUITS
3V
A
A
IOFF
ION
POLARITY
OFF
CHANNELS
ON CHANNEL
LTC1283 TC01
On and Off Channel Leakage Current
SCLK
DOUT
0.6V
tdDO
0.6V
2.0V
LTC1283 TC02
Voltage Waveforms for DOUT Delay Time, tdDO
DOUT
0.6V
2.0V
tr
tf
LTC1283 TC03
Voltage Waveform for DOUT Rise and Fall Times, tr and tf
DOUT
1.5V
3k
100pF
TEST POINT
LTC1283 TC06
Load Circuit for tdDO, tr, tf and ten
DOUT
3k
100pF
TEST POINT
3V
WAVEFORM 2
WAVEFORM 1
LTC1283 TC05
Load Circuit for tdis
DOUT
WAVEFORM 1
(SEE NOTE 1)
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT
IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH THAT THE OUTPUT
IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1283 TC04
ten
2.0V
0.6V
ACLK
12
2.0V
Voltage Waveforms for ten and tdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com