Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 15Page - Linear Technology LTC1283CS Datasheet HTML 16Page - Linear Technology LTC1283CS Datasheet HTML 17Page - Linear Technology LTC1283CS Datasheet HTML 18Page - Linear Technology LTC1283CS Datasheet HTML 19Page - Linear Technology LTC1283CS Datasheet HTML 20Page - Linear Technology LTC1283CS Datasheet HTML 21Page - Linear Technology LTC1283CS Datasheet HTML 22Page - Linear Technology LTC1283CS Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1283
S
APPLICATI
I FOR ATIO
leakage specification of 1
µA (at 125°C) flowing through a
source resistance of 1k will cause a voltage drop of 1mV
or 0.4LSB. This error will be much reduced at lower
temperatures because leakage drops rapidly (see typical
curve of Input Channel Leakage Current vs Temperature).
Noise Coupling into Inputs
High source resistance input signals (>500
Ω) are more
sensitive to coupling from external sources. It is prefer-
able to use channels near the center of the package (i.e.,
CH2-CH7) for signals which have the highest output
resistance because they are essentially shielded by the
pins of the package ends (DGND and CH0). Grounding any
unused inputs (especially the end pin, CH0) will also
reduce outside coupling into high source resistances.
4. Sample-and-Hold
Single-Ended Inputs
The LTC1283 provides a built-in sample-and-hold (S&H)
function for all signals acquired in the single-ended mode
(COM pin grounded). This sample-and-hold allows the
LTC1283 to convert rapidly varying signals (see typical
curve of S&H Acquisition Time vs Source Resistance). The
input voltage is sampled during the tSMPL time as shown
in Figure 10. The sampling interval begins after the fourth
MUX address bit is shifted in and continues during the
remainder of the data transfer. On the falling edge of the
final SCLK, the S&H goes into hold mode and the conver-
sion begins. The voltage will be held on either the 8th,
10th, 12th or 16th falling edge of the SCLK depending on
the word length selected.
Differential Inputs
With differential inputs, or when the COM pin is not tied to
ground, the A/D no longer converts just a single voltage
but rather the difference between two voltages. In these
cases, the voltage on the selected “+” input is still sampled
and held and therefore may be rapidly time varying just as
in single-ended mode. However, the voltage on the se-
lected “–” input must remain constant and be free of noise
and ripple throughout the conversion time. Otherwise, the
HORIZONTAL: 1
µs/DIV
Figure 12. Poor Op Amp Settling Can Cause A/D Errors
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 13. For large values of CF (e.g., 1µF), the
capacitive input switching currents are averaged into a net
DC current. Therefore, a filter should be chosen with small
resistor and large capacitor to prevent DC drops across
the resistor. The magnitude of the DC current is approxi-
mately IDC = 65pF × VIN/tCYC and is roughly proportional
to VIN. When running at the minimum cycle time of 68µs,
the input current equals 2.5
µA at VIN = 2.5V. In this case,
a filter resistor of 100
Ω will cause 0.1LSB of full-scale
error. If a larger filter resistor must be used, errors can be
eliminated by increasing the cycle time as shown in the
typical curve Maximum Filter Resistor vs Cycle Time.
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum input
RFILTER
VIN
CFILTER
LTC1283 • F13
LTC1283
“+”
“–”
IDC
Figure 13. RC Input Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com