Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1283CS
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1283CS Datasheet HTML 16Page - Linear Technology LTC1283CS Datasheet HTML 17Page - Linear Technology LTC1283CS Datasheet HTML 18Page - Linear Technology LTC1283CS Datasheet HTML 19Page - Linear Technology LTC1283CS Datasheet HTML 20Page - Linear Technology LTC1283CS Datasheet HTML 21Page - Linear Technology LTC1283CS Datasheet HTML 22Page - Linear Technology LTC1283CS Datasheet HTML 23Page - Linear Technology LTC1283CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1283
S
APPLICATI
I FOR ATIO
differencing operation may not be performed accurately.
The conversion time is 44 ACLK cycles. Therefore, a
change in the “–” input voltage during this interval can
cause conversion errors. For a sinusoidal voltage on the
“–” input this error would be:
VERROR (MAX) = VPEAK × 2 × π × f(“–”) × 44/fACLK
Where f(“–”) is the frequency of the “–” input voltage,
VPEAK is its peak amplitude and fACLK is the frequency of
the ACLK. In most cases VERROR will not be significant. For
a 60Hz signal on the “–” input to generate a 1/4LSB error
(0.61mV) with the converter running at ACLK = 1MHz, its
peak value would have to be 38mV.
5. Reference Inputs
The voltage between the reference inputs of the LTC1283
defines the voltage span of the A/D converter. The refer-
ence inputs look primarily like a 10k resistor but will have
transient capacitive switching currents due to the switched-
capacitor conversion technique (see Figure 14). During
each bit test of the conversion (every 4 ACLK cycles), a
capacitive current spike will be generated on the reference
pins by the A/D. These current spikes settle quickly and do
not cause a problem. However, if slow settling circuitry is
used to drive the reference inputs, care must be taken to
insure that transients caused by these current spikes settle
completely during each bit test of the conversion.
show examples of both adequate and poor settling.
Using a slower ACLK will allow more time for the refer-
ence to settle. However, even at the maximum ACLK rate
of 1MHz most references and op amps can be made to
settle within the 4
µs bit time.
3. It is recommended that the REF – input be tied directly to
the analog ground plane. If REF– is biased at a voltage
other than ground, the voltage must not change during a
conversion cycle. This voltage must also be free of noise
and ripple with respect to analog ground.
RON
5pF TO 30pF
LTC1283
REF+
ROUT
VREF
EVERY 4 ACLK CYCLES
14
13
REF–
LTC1283 • F14
10k
TYP
When driving the reference inputs, three things should be
kept in mind:
1. The source resistance (ROUT) driving the reference
inputs should be low (less than 1
Ω) to prevent DC drops
caused by the 300
µA maximum reference current (IREF).
2. Transients on the reference inputs caused by the capaci-
tive switching currents must settle completely during
each bit test (each 4 ACLK cycles). Figures 15 and 16
Figure 14. Reference Input Equivalent Circuit
Figure 15. Adequate Reference Settling
6. Reduced Reference Operation
The effective resolution to the LTC1283 can be increased by
reducing the input span of the converter. The LTC1283
exhibits good linearity and gain over a wide range of
reference voltages (see typical curves of Linearity and Gain
Error vs Reference Voltage). However, care must be taken
Figure 16. Poor Reference Settling Can Cause A/D Errors
HORIZONTAL: 1
µs/DIV
HORIZONTAL: 1
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com