Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 11Page - Linear Technology LTC1325CSW Datasheet HTML 12Page - Linear Technology LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology LTC1325CSW Datasheet HTML 15Page - Linear Technology LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1325
FUNCTIONAL DESCRIPTIO
Gas Gauge Mode
Command:
MOD1 = 1, MOD0 = 1, PS = 0
Status:
BATP = X, BATR = X, FMCV = X, FEDV = X,
FHTF = X, FLTF = X, tOUT = X
In the gas gauge mode, the average voltage across the
sense resistor can be measured to determine the average
battery load current. The output of the DAC is set to ground
and switches S1, S3 and S4 are closed. A1 is configured
as an inverting amplifier with R1 and R2 setting the gain
to – 4. The voltage across the sense resistor is filtered by
an RC circuit (RF, CF) amplified by A1, then converted by
the ADC.
The microprocessor can then accumulate the ADC mea-
surements and do a time average to determine the total
charge leaving the battery. The Sense pin voltage should
not be more negative than – 450mV to ensure linearity.
The RFCF circuit consists of an internal 1k resistor and an
external capacitor connected to the Filter pin. RFCF should
be longer than the measurement interval. With the serial
clock running at 100kHz, it take 380
µs to shift in the
command word and shift out the ADC measurement and
status word.
Trickle Resistor
An external trickle resistor has several functions. First, it
provides a continuous trickle charge current for topping
off the battery and countering the effects of self-discharge.
Second, it can be used to condition a deeply discharged
battery for charging. The LTC1325 will not charge a battery
unless its cell voltage is above 100mV (BATR). Finally, the
resistor is required by the battery detect circuit to pull the
VBAT pin high when the battery is removed.
SERIAL INTERFACE
The LTC1325 communicates with microprocessors and
other external circuitry via a synchronous, half duplex,
4-wire serial interface. The clock CLK synchronizes the
data transfer with each bit being transmitted on the falling
edge and captured on the rising CLK edge in both transmit-
ting and receiving systems. The LTC1325 first receives
input data and then transmits back the A/D conversion
result and status word (half duplex). Because of the half
duplex operation, DIN and DOUT may be tied together
allowing transmission over just three wires: CS, CLK and
DATA (DIN/DOUT).
Data transfer is initiated by a falling chip select CS signal.
After CS falls, the LTC1325 looks for a start bit on DIN. The
start bit is the first “logical one” clocked into the DIN input
after CS goes low. The LTC1325 will ignore all leading
zeros which precede this logical one. After the start bit is
received, the 21 other control bits are shifted into the DIN
pin to configure the LTC1325 and start a conversion. After
the last command bit, the DOUT pin remains in three-state
for one clock period before it is taken low for one null bit.
Following the null bit, the conversion results and the 8
status bits are shifted out on the DOUT pin. At the end of the
data exchange, CS should be brought high.
MSB-First/LSB-First (MSBF Control Bit)
The output data of the LTC1325 is programmed for MSB-
first or LSB-first sequence using the MSFB control bit.
When MSBF = 1, data will appear on DOUT in MSB-first
format. This is followed by the 8 status bits. Logical zeros
will be filled in indefinitely following the last data bit to
accommodate longer word lengths required by some
microprocessors. When MSBF = 0, LSB-first data will
follow the MSB-first data. Regardless of the state of
MSBF, the status bits are always shifted out in the same
order (see Figure 2).
Accommodating Microprocessors with Different Word
Lengths
The LTC1325 will fill zeros indefinitely after the transmit-
ted data until CS is brought high. At that time DOUT is
disabled (three-stated). This makes for easy interfacing
to MPU serial ports with different transfer increments
including 4 bits (e.g., COP400) and 8 bits (e.g., SPI and
MICROWIRE/PLUS
TM). Any word length can be accom-
modated by the correct positioning of the start bit in the
input word.
Operation with DIN and DOUT Tied Together
The LTC1325 can be operated with DIN and DOUT tied
together. This eliminates one of the lines required to
MICROWIRE/PLUS is a trademark of National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com