Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology LTC1325CSW Datasheet HTML 21Page - Linear Technology LTC1325CSW Datasheet HTML 22Page - Linear Technology LTC1325CSW Datasheet HTML 23Page - Linear Technology LTC1325CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC1325
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LABEL MNEMONIC OPERAND
COMMENTS
LDAA
#$51
Write control byte to the SPCR
STAA
$1028
LDAA
#$39
Setup Port D DDRD
STAA
$1009
Port D Bit 0 is CS
LDX
#$1000
Load port base ADDR
CSLOW BCLR
$08,X,#$01
Take CS low
LDAA
#$02
Send Byte #1 (MSB) with
STAA
$102A
START bit
LOOP1 TST
$1029
Check for SPI transfer
BPL
LOOP1
complete bit
LDAA
#$24
Send Byte 2
STAA
$102A
LOOP2 TST
$1029
Check for SPI transfer
BPL
LOOP2
complete bit
LDAA
#$03
Send Byte 3
STAA
$102A
LOOP3 TST
$1029
Check for SPI transfer
BPL
LOOP3
complete bit
LDAA
#$C0
Send Byte 4
STAA
$102A
TYPICAL APPLICATION
LABEL MNEMONIC OPERAND
COMMENTS
LOOP4 TST
$1029
Check for SPI transfer
BPL
LOOP4
complete bit
LDAA
$102A
Get A/D high byte
ANDA
#$03
Mask off unwanted bits
STAA
HIDATA
Store in user memory
LDAA
#$00
Send dummy Byte #1
STAA
$102A
LOOP5 TST
$1029
Check for SPI transfer
BPL
LOOP5
complete bit
LDAA
$102A
Get A/D low byte
STAA
LODATA
Store in user memory
LDAA
#$00
Send dummy Byte #2
STAA
$102A
LOOP6 TST
$1029
Check for SPI transfer
BPL
LOOP6
complete bit
LDAA
$102A
Get STATUS byte
STAA
STATUS
Store in user memory
BSET
$08,X,#$01
Raise CS high
BRA
CSLOW
Loop for continuous readings
APPLICATIONS INFORMATION
Wide Voltage Battery Charger
NOTE 1: NEEDED WHEN VDC > 16V OR MAXIMUM
BATTERY VOLTAGE, VBAT > 16V.
NOTE 2: REGULATOR. OMIT THIS BLOCK AND SHORT
VDD TO VDC WHEN VDC < 16V.
NOTE 3: LEVEL SHIFTER. OMIT THIS BLOCK AND SHORT
PGATE TO P1 GATE WHEN VDC < 16V.
1325 TA02
NOTE 7: OPTIONAL DIODE TO PREVENT BATTERY
DRAIN WHEN THE CHARGING SUPPLY IS POWERED
DOWN (SEE SECTION 2, HARDWARE DESIGN
PROCEDURE).
RSENSE
P1
IRF9Z30
VDC
25V
R8
100
Ω
CF
1
µF
VDD
PGATE
DIS
VBAT
TBAT
TAMB
VIN
SENSE
FILTER
REG
DOUT
DIN
CS
CLK
LTF
MCV
HTF
GND
R1
R11
220
Ω
1/2W
R2
R3
R4
+
CREG
4.7
µF
MPU
(e.g. 8051)
p1.4
p1.3
p1.2
+
C1
1
µF
C2
0.1
µF
R13
R6
RTRK
VBAT
RDIS
N1
IRF830
C3
500pF
THERM 2
R5
LTC1325
THERM 1
R7
L1
62
µH
R9
NOTE 5
NOTE 3
NOTE 1
NOTE 1
NOTE 2
R10
D1
1N5818
D3
1N4740A
D4
1N4744A
15V
R12
100k
NOTE 1
NOTE 4
D2
1N4744A
15V
NOTE 6
+
C4
22
µF
R14
100
Ω
MBR320
NOTE 7
C5
0.1
µF
NOTE 4: ZENER TO CLAMP VBAT TO BELOW VDD.
OMIT WHEN VDC < 16V.
NOTE 5: EXTERNAL BATTERY DIVIDER. NEEDED WHEN
MAXIMUM BATTERY VOLTAGE, VBAT > 16V.
NOTE 6: VIN IS AN UNCOMMITTED A/D CHANNEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com