Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 12Page - Linear Technology LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology LTC1325CSW Datasheet HTML 15Page - Linear Technology LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1325
FUNCTIONAL DESCRIPTIO
communicate with the microprocessor. Data is transmit-
ted in both directions on a single wire. The processor pin
connected to this data line should be configurable as either
an input or an output. The LTC1325 will take control of the
data line and drive it low after the 23rd falling CLK edge
after the start bit is received. Therefore the processor port
must be switched to an input before this happens to avoid
a conflict.
Power-Up After Shutdown
When a control word with the PS bit set to one is written
to the LTC1325, it enters shutdown mode in which the VDD
supply current is reduced to 30
µA. In this mode the on-
chip 3V regulator and all circuits powered off it are shut
down. The only circuits that remain alive are DIN, CS and
CLK input buffers. To take the LTC1325 out from shut-
down mode, a high to low edge must be applied to the CS
pin. Either DIN or CLK must be low when CS is low to
prevent a false control word from being transmitted to the
LTC1325. The 3V output decays with a time constant of
300ms with CREG = 4.7µF. The microprocessor should
wait three seconds before applying a wake-up edge to the
CS pin to ensure proper power-up.
R
RT
T
T
TO
O
=−


exp
β
11
(2)
RR
T
T
LTO
O
O
=
−
+


β
β
2
2
(3)
β=
−




T
T
TT
In
R
R
O
O
T
TO
(4)
α=


1
R
dR
dT
T
T
(5)
α
β
= −
T2
(6)
dV
dT
VT
T
T
DIV
DIV
O
O
O
=
() − +


–
β
2
1
2
(7)
where,
VDIV (T) is the output of the divider,
VREG is the voltage at the REG pin (3.072V nominal),
RT is the thermistor resistance at some temperature T,
RTO is the thermistor resistance at some reference
temperature TO,
β is a constant dependent on thermistor material,
α is the temperature coefficient (in %/°C) of RT at
TO, and
all temperatures are in
°K (i.e., T°C + 273)
There are two assumptions in the derivation of the above
equations.
β is assumed to be constant and the tempera-
ture coefficient of RL is small compared to that of the
thermistor.
Most thermistor data sheets specify RTO, β, RT/RTO ratios
for two temperatures,
α, and tolerances for β and RTO.
Given
β, and RTO, it is easy to calculate RL from equation
TEMPERATURE SENSING
NTC (Negative Temperature Coefficient) Thermistors
The simplest method to sense temperature (battery or
ambient) with an NTC thermistor is to use a voltage divider
powered by the REG pin. This divider consists of a load
resistor RL in series with a thermistor RT as shown in
Figure 3. For a given thermistor, there is a value of RL
which makes VDIV (T) linear over a narrow but adequate
temperature range. The easiest method (Inflection Point
Method) to calculate RL is to set the second temperature
derivative of the divider output to 0. The equations relevant
to this method are:
VT
V
R
R
fT
DIV
REG
L
T
()
=
+


=
()
1
1
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com