Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1325CSW Datasheet HTML 1Page - Linear Technology LTC1325CSW Datasheet HTML 2Page - Linear Technology LTC1325CSW Datasheet HTML 3Page - Linear Technology LTC1325CSW Datasheet HTML 4Page - Linear Technology LTC1325CSW Datasheet HTML 5Page - Linear Technology LTC1325CSW Datasheet HTML 6Page - Linear Technology LTC1325CSW Datasheet HTML 7Page - Linear Technology LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1325
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
0
3.074
3.075
3.076
3.0
1325 G01
3.073
3.072
0.5
1.0
1.5
2.5
3.5
2.0
4.0
3.071
3.070
3.077
VDD = 12V
VDD = 4.5V
VDD = 16V
TA = 27°C
TEMPERATURE (
°C)
0
0
5
15
20
25
20
40
50
90
1325 G06
10
10
30
60
70
80
VDD = 12V
VDD = 16V
VDD = 4.5V
TEMPERATURE (
°C)
0
1000
900
800
700
600
500
400
300
200
100
0
20
40
50
90
1325 G03
10
30
60
70
80
VDD = 16V
VDD = 4.5V
VDD = 12V
DAC Output Voltage vs
Temperature
TEMPERATURE (
°C)
0
3.072
3.073
3.075
3.076
3.077
3.082
3.079
20
40
50
90
1325 G02
3.074
3.080
3.081
3.078
10
30
60
70
80
VDD = 16V
IREG = 0
VDD = 4.5V
VDD = 12V
Fault Comparator Threshold vs
Temperature
Fault Comparator Threshold vs
Temperature
TEMPERATURE (
°C)
0
11
10
9
8
7
6
5
4
3
2
1
20
40
50
1325 G08
10
30
60
70
80
VBAT FOR BATP = HIGH, VDD = 12V
VCELL FOR MCV = HIGH, VMCV = 2.8V AND
VTBAT FOR LTF = HIGH, VLTF = 2.8V
VTBAT FOR HTF = HIGH, VHTF = 1.35V
VCELL FOR MCV = HIGH, VMCV = 1.6V
VTBAT FOR LTF = HIGH, VLTF = 1.6V
Gas Gauge Gain and Offset vs
Temperature
VDD Supply Current vs
Temperature
TEMPERATURE (
°C)
0
–4.5
–4.0
–3.0
–2.5
–2.0
70
60
0
1325 G09
– 3.5
10
20
30
40
50
80
–1.5
–1.0
– 0.5
VSENSE = –0.2V AND – 0.4V
INCLUDES CHANGES IN VREG
WITH TEMPERATURE
GAS GAUGE OFFSET
GAS GAUGE GAIN
Charge Current vs Battery Voltage
Regulator Output Voltage vs
Load Current
Regulator Output Voltage vs
Temperature
TEMPERATURE (
°C)
0
180
160
140
120
100
80
60
40
20
0
30
50
1325 G05
10
20
40
60
70
VDD = 12V
VR1 = 1, VR0 = 1
VR1 = 1, VR0 = 0
VR1 = 0, VR0 = 0
VR1 = 0, VR0 = 1
Shutdown Current vs Temperature
BATTERY VOLTAGE (V)
0
160
140
120
100
80
60
40
20
0
2
46
8
1325 G04
10
12
VR1 = 1, VR0 = 1
VR1 = 1, VR0 = 0
VR1 = 0, VR0 = 0
VR1 = 0, VR0 = 1
VDD = 12V, RSENSE = 1Ω,
L = 100
µH, P1: IRF9531
TEMPERATURE (
°C)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
20
40
50
1325 G07
0.2
0.8
0.9
0.6
10
30
60
70
80
VCELL FOR EDV = HIGH
VTBAT FOR HTF = HIGH, VHTF = 0.4V
VCELL FOR BATR = HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com