Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 3Page - Linear Technology LTC1325CSW Datasheet HTML 4Page - Linear Technology LTC1325CSW Datasheet HTML 5Page - Linear Technology LTC1325CSW Datasheet HTML 6Page - Linear Technology LTC1325CSW Datasheet HTML 7Page - Linear Technology LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology LTC1325CSW Datasheet HTML 10Page - Linear Technology LTC1325CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1325
BLOCK DIAGRAM
10-BIT
A/D CONVERTER
CHARGE LOOP
AND
GAS GAUGE
FAULT
DETECT
CIRCUITRY
DIVIDER
TIMEOUT LOGIC
TO0 TO TO2
DR0 TO DR3
3
TOUT
111kHz
OSCILLATOR
DUTY RATIO
GENERATOR
ADC
MUX
SERIAL
I/O
3.072V
ANALOG
REGULATOR
5V
DIGITAL
REGULATOR
ANALOG AND DIGITAL VDD
ADC REFERENCE
CONTROL
LOGIC
3
PS
GAS GAUGE
4
DIV0 TO DIV3
5
MOD0 TO MOD1, VR0 TO VR1, PS
CHARGE
11
SENSE
15
VBAT
14
TBAT
FILTER
PGATE
LTC1325 • BD
10
17
6
LTF
8
HTF
7
MCV
tOUT
13
TAMB
12
VIN
10
2
DOUT
DIN
CS
GND
3
4
CLK
5
DIGITAL INPUT CIRCUITS
9
VDD
18
PS, MSBF
2
DS0 TO DS1
SGL/DIFF
3
3
MOD0 TO MOD1, PS
7
BATP, BATR, FMCV,
FEDV, FHTF, FLTF, tOUT
DIS
16
REG
1
PS
TEST CIRCUITS
Load Circuit for tdDO, tr and tf
Load Circuit for tdis and ten
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1325 • TC02
DOUT
1.4V
3k
100pF
LTC1325 • TC01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com