Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 15Page - Linear Technology LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology LTC1325CSW Datasheet HTML 21Page - Linear Technology LTC1325CSW Datasheet HTML 22Page - Linear Technology LTC1325CSW Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1325
APPLICATIONS INFORMATION
where,
IF = forward diode current,
IF′ = forward diode current just prior to turn off,
VF = forward drop,
VR=reversediodevoltage(approximatelyequaltoVDD),
f = PWM frequency (111kHz), and
tRR = reverse recovery time
The power and maximum reverse voltage ratings of the
diode should be greater than PdD1 and VDD respectively.
The catch diode should also have fast turn-on times to
reduce the voltage glitch at its cathode when turning on.
Schottky diodes have fast switching times and low
forward drops and are recommended for D1.
5. Trickle Resistor RTRK: RTRK sets the desired trickle
current in the battery to compensate for self-dis-
charge which is in the order 1% and 2% of capacity per
day for NiCd and NiMH batteries respectively. Trickle
charge rates are typically in the C/30 to C/50 range,
where C is battery capacity.
ITRK = (VDD – VBAT)/RTRK
where VBAT is the voltage of a full charged battery.
Note that ITRK varies as the battery is being charged.
6. Thermistor RT and Load RL: The total resistance of the
thermistor network should be greater than 30k at the
high temperature extreme to minimize effects of load
regulation (see REG pin loading).
7. Fault Setting Resistors R1, R2, R3 and R4: The voltage
levels at the LTF, HTF and MCV pins are tapped from
a resistor divider powered by the REG pin. The voltage
levels are selected taking into account:
a. Manufacturer Recommended Temperature and
Voltage limits,
b. Loading on the REG Pin (< 2mA)
c. Input Voltage Ranges of the LTF, HTF and MCV
Comparators:
1.6V < VLTF, VMCV < 2.8V and 0.5V < VHTF < 1.3V
d. Thermistor Divider Temperature Curve
Typical temperature limits for both NiCd and NiMH
batteries are shown below.
BATTERY
TYPE
MIN
MAX
MIN
MAX
Standard
– 20
45 to 50
0
45 to 50
Quick
– 20
45 to 50
10
45 to 50
Fast or Rapid
– 20
45 to 50
15
45 to 50
Trickle
– 20
45 to 50
0
45 to 50
Note that the discharge limits are wider than the
charge limits. To prolong battery life, manufacturers
generally recommend discharge temperatures that
are similar to the charge limits. For this reason, the
LTC1325 recognizes the same LTF and HTF limits in
both charge and discharge modes. MCV should be set
just above the charging voltage per cell given in
battery specifications. The voltage at the LTF and HTF
pins should be set to correspond to narrowest tem-
perature range. These are typically 15
°C and 45°C.
The corresponding voltages may be read from the
thermistor divider temperature curve such as that
shown in Figure 5. For this thermistor, it works out to
be about for 2.12V for LTF and for 1.13V for HTF. The
MCV may be conveniently tied to LTF since MCV is
typically 2V. If desired, external analog switches under
microprocessor control may be used to vary the LTF,
HTF and MCV voltages between modes or for different
charge rates. The values of R1, R2, R3 and R4 in Figure
3 can be calculated from the following equations:
R4 = VHTF(RE/VREG)
R3 = VMCV(RE – R4)
R2 = VLTF (RE) – (R3 + R4)
R1 = RE – (R2 + R3 + R4)
where RE = R1 + R2 + R3 + R4 is chosen to minimize
loading on the REG pin. A minimum value of 30k is
recommended. Note that VLTF is assumed to be greater
than VMCV. If this is not the case, VLTF and VMCV in the
above equations should be swapped. If the MCV and
LTF pins are shorted to the same point, R2 should be
set to 0.
CHARGE TEMP
RANGE (
°C)
DISCHARGE TEMP
RANGE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com