Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 2Page - Linear Technology LTC1325CSW Datasheet HTML 3Page - Linear Technology LTC1325CSW Datasheet HTML 4Page - Linear Technology LTC1325CSW Datasheet HTML 5Page - Linear Technology LTC1325CSW Datasheet HTML 6Page - Linear Technology LTC1325CSW Datasheet HTML 7Page - Linear Technology LTC1325CSW Datasheet HTML 8Page - Linear Technology LTC1325CSW Datasheet HTML 9Page - Linear Technology LTC1325CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1325
REG (Pin 1): Internal Regulator Output. The regulator
provides a steady 3.072V to the internal analog circuitry
and provides a temperature stable reference voltage for
generating MCV, HTF, LTF and thermistor bias voltages
with external resistors. Requires a 4.7
µF or greater bypass
capacitor to ground.
DOUT (Pin 2): TTL Data Output Signal for the Serial
Interface. DOUT and DIN may be tied together to form a
3-wire interface, or remain separated to form a 4-wire
interface. Data is transmitted on the falling edge of CLK
(Pin 5).
DIN (Pin 3): TTL Data Input Signal for the Serial Interface.
The data is latched into the chip on the rising edge of the
CLK (Pin 5).
CS (Pin 4): TTL Chip Select Signal for the Serial Interface.
CLK (Pin 5): TTL Clock for the Serial Interface.
LTF (Pin 6): Minimum Allowable Battery Temperature
Analog Input. LTF may be generated by a resistive divider
between REG (Pin 1) and ground.
MCV (Pin 7): Maximum Allowable Cell Voltage Analog
Input. MCV may be generated by a resistive divider be-
tween REG (Pin 1) and ground.
HTF (Pin 8): Maximum Allowable Battery Temperature
Analog Input. HTF may be generated by a resistive divider
between REG (Pin 1) and ground.
GND (Pin 9): Ground.
FILTER (Pin 10): The external filter capacitor CF is con-
nected to this pin. The filter capacitor is connected to the
output of the internal resistive divider across the battery to
reduce the switching noise while charging. In the gas
gauge mode, CF along with an internal RF = 1k form a
lowpass filter to average the voltage across the sense
resistor.
PIN FUNCTIONS
SENSE (Pin 11): The Sense pin controls the switching of
the 111kHz PWM constant current source in the charging
mode. The Sense pin is connected to an external sense
resistor RSENSE and the negative side of the battery. The
charging loop forces the average voltage at the Sense pin
to equal a programmable internal reference voltage VDAC.
The battery charging current is equal to VDAC/RSENSE.
In the gas gauge mode the voltage across the Sense pin
is filtered by an RC network (RF and CF), amplified by
an inverting gain of four, then multiplexed to the ADC so
the average discharge current through the battery may
be measured and the total charge leaving the battery
calculated.
VIN (Pin 12): General Purpose ADC Input.
TAMB (Pin 13): Ambient Temperature Input. Connect to an
external thermistor network. Tie to REG if not used. May
be used as another general purpose ADC input.
TBAT (Pin 14): Battery Temperature Input. Connect to an
external NTC thermistor network. Tie to REG if not used.
VBAT (Pin 15): Battery Input. An internal voltage divider is
connected between the VBAT and Sense pins to normalize
all battery measurements to one cell voltage. The divider
is programmable to the following ratios: 1/1, 1/2, 1/3 . . .
1/15, 1/16. In shutdown and gas gauge modes the divider
is disconnected.
DIS (Pin 16): Active High Discharge Control Pin. Used
to turn on an external transistor which discharges the
battery.
PGATE (Pin 17): FET Driver Output. Swings from GND
to VDD.
VDD (Pin 18): Positive Supply Voltage. 4.5V < VDD < 16V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com