Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1325CSW Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1325CSW
Description  Microprocessor-Controlled Battery Management System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CSW Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1325CSW Datasheet HTML 13Page - Linear Technology LTC1325CSW Datasheet HTML 14Page - Linear Technology LTC1325CSW Datasheet HTML 15Page - Linear Technology LTC1325CSW Datasheet HTML 16Page - Linear Technology LTC1325CSW Datasheet HTML 17Page - Linear Technology LTC1325CSW Datasheet HTML 18Page - Linear Technology LTC1325CSW Datasheet HTML 19Page - Linear Technology LTC1325CSW Datasheet HTML 20Page - Linear Technology LTC1325CSW Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1325
APPLICATIONS INFORMATION
(3). Alternatively,
β may be calculated from the RT/RTO
ratio using equation (4) or from
α, using equation (6).
As a numerical example, consider the Panasonic
ERT-D2FHL103S thermistor which has the following char-
acteristics:
1. RT (25°C) = RTO = 10k
2.
α = –4.6%/°C at TO = 25°C
3. Ratio R25/R50 = 2.9
Using equation (4) and R25/R50 = 2.9, β = (323 × 298)In
(2.9)/(298 – 323) = 4099k. Alternatively, using equation
(6) and
α = –4.6%/°C, β = –(–0.046)(298)2 = 4085k.
Both values of
β are close to each other. Substituting
β = 4085k into equation (3) gives RL = 10k [4085 – (2 ×
298)]/[4085 + (2
× 298)] = 7.45k. The nearest 1% resistor
value is 7.5k. Figure 5 shows a plot of VDIV(T) measured
at various temperatures for this thermistor with a 7.5k RL.
Figure 5. ERT-D2FHL103S Divider
T = [2.605 – VDIV(T)]/0.034. The straight line approxima-
tion is accurate to within 2
°C over a temperature range of
5
°C to 45°C, assuming 3% β and 10% RTO tolerances.
PTC (Positive Temperature Coefficient) Thermistors
Positive Temperature Coefficient (PTC) thermistors may
be used in battery chargers that do not require accurate
temperature measurements. The resistance vs tempera-
ture characteristics of PTC exhibits a sharp increase at a
selectable switch temperature TS. This sharp change is
exploited in chargers which use TCO (Temperature Cutoff)
or
∆TCO (Difference between battery and ambient tem-
perature). With TCO termination, a voltage divider consist-
ing of a PTC and a low temperature coefficient load resistor
is connected between REG and GND with the top end of the
PTC at REG. The PTC is mounted on the battery to sense
its temperature. The divider output is tied to TBAT. When
the switch temperature is reached, the PTC resistance
increases sharply causing TBAT to fall below HTF. This
causes an HTF fault and charging is terminated. To imple-
ment
∆TCO termination, the load resistor can, in principle,
be replaced by a matching PTC and the divider now
responds to differences between battery and ambient
temperature. With both TCO and
∆TCO terminations, the
position of the battery temperature PTC can be swapped
with the load resistor or ambient temperature PTC. In both
cases, an LTF fault terminates charge when the trip point
is reached. Note that in practice, matched PTCs are not
readily available and for
∆TCO termination, NTC ther-
mistors are recommended.
HARDWARE DESIGN PROCEDURE
This section discusses the considerations in selecting
each component of a simple battery charger (see Figures
3 and 4). Further applications assistance is provided in
Application Note 64, using the LTC1325 Battery Manage-
ment IC.
1. RSENSE: There are three factors in selecting RSENSE:
a. LTC1325 VREF and Duty Ratio Settings
b. Sense Resistor Dissipation
c. ILOAD(RSENSE) < – 450mV for Gas Gauge Linearity
TEMPERATURE (
°C)
–60
– 0.5
0
1.0
1.5
2.0
4.5
3.0
–20
20
40
LTC1325 • F05
0.5
3.5
4.0
2.5
–40
0
60
80
ACTUAL
IDEAL
There are two methods of calculating battery or ambient
temperature from ADC readings of the TBAT or TAMB
channels. The first method is to store the VDIV(T) vs T
curve as a lookup table. The second method is to use a
straight line approximation. The equation of this line may
be calculated from the slope dVDIV/dT at TO [see equation
(7)] and assuming that the line passes through the point
[TO, VDIV(TO)] on the curve. For the ERT-D2FHL103S, the
slope is minus 34mV/
°C and the equation of the line is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com