Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 4Page - Linear Technology LTC1415CSW Datasheet HTML 5Page - Linear Technology LTC1415CSW Datasheet HTML 6Page - Linear Technology LTC1415CSW Datasheet HTML 7Page - Linear Technology LTC1415CSW Datasheet HTML 8Page - Linear Technology LTC1415CSW Datasheet HTML 9Page - Linear Technology LTC1415CSW Datasheet HTML 10Page - Linear Technology LTC1415CSW Datasheet HTML 11Page - Linear Technology LTC1415CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC1415
APPLICATIONS INFORMATION
CONVERSION DETAILS
The LTC1415 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 12-bit parallel output. The ADC is
complete with a precision reference and an internal clock.
The control logic provides easy interface to microproces-
sors and DSPs (please refer to Digital Interface section for
the data format).
Conversion start is controlled by the CS and CONVST
inputs. At the start of the conversion the successive
approximation register (SAR) is reset. Once a conversion
cycle has begun it cannot be restarted.
During the conversion, the internal differential 12-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit (LSB).
Referring to Figure 1, the +AIN and –AIN inputs are con-
nected to the sample-and-hold capacitors (CSAMPLE) dur-
ing the acquire phase and the comparator offset is nulled by
the zeroing switches. In this acquire phase, a minimum
delay of 150ns will provide enough time for the sample-
and-hold capacitors to acquire the analog signal. During
the convert phase the comparator zeroing switches open,
putting the comparator into compare mode. The input
switches the connect CSAMPLE capacitors to ground, trans-
ferring the differential analog input charge onto the sum-
ming junction. This input charge is successively compared
with the binary weighted charges supplied by the differen-
tial capacitive DAC. Bit decisions are made by the high
speed comparator. At the end of a conversion, the differ-
ential DAC output balances the + AIN and – AIN input
charges. The SAR contents (a 12-bit data word) which
represents the difference of + AIN and –AIN are loaded into
the 12-bit output latches.
DYNAMIC PERFORMANCE
The LTC1415 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using a FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental. Figure 2 shows a
typical LTC1415 FFT plot.
Figure 1. Simplified Block Diagram
COMP
+CSAMPLE
–CDAC
•
•
•
D11
D0
ZEROING SWITCHES
HOLD
HOLD
+AIN
–AIN
+CDAC
–CSAMPLE
12
LTC1415 • F01
+
–
SAR
OUTPUT
LATCHES
+VDAC
–VDAC
HOLD
HOLD
SAMPLE
SAMPLE
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
LTC1415 • F02
500
600
fSAMPLE = 1.25MHz
fIN = 99.792kHz
SFDR - 87.5
SINAD = 72.1
Figure 2. LTC1415 Nonaveraged, 4096 Point FFT
Signal-to-Noise Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] or
SINAD is the ratio between the RMS amplitude of the
fundamental input frequency to the RMS amplitude of all
other frequency components at the A/D output. The output
is band limited to frequencies from above DC and below
half the sampling frequency. Figure 2 shows a typical
spectral content with a 1.25MHz sampling rate and a
100kHz input. The dynamic performance is excellent for
input frequencies up to the Nyquist limit of 625kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com