Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 10Page - Linear Technology LTC1415CSW Datasheet HTML 11Page - Linear Technology LTC1415CSW Datasheet HTML 12Page - Linear Technology LTC1415CSW Datasheet HTML 13Page - Linear Technology LTC1415CSW Datasheet HTML 14Page - Linear Technology LTC1415CSW Datasheet HTML 15Page - Linear Technology LTC1415CSW Datasheet HTML 16Page - Linear Technology LTC1415CSW Datasheet HTML 17Page - Linear Technology LTC1415CSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1415
APPLICATIONS INFORMATION
limitations at high input frequencies (THD = 75dB at
600kHz). The ADC in Figure 10e has a full scale of 2.048V
and a common mode of 2.27V. The reduced signal swing
of this circuit results in improved distortion at higher input
frequencies (THD = 82dB at 600kHz) but with worse
SINAD at low frequencies (SINAD = 70dB at 100kHz).
Full-Scale and Offset Adjustment
Figure 11a shows the ideal input/output characteristics
for the LTC1415. The code transitions occur midway
between successive integer LSB values (i.e., 0.5LSB,
1.5LSB, 2.5LSB,... FS – 1.5LSB, FS – 0.5LSB). The output
is straight binary with 1LSB = FS/4096 = 4.096V/4096
= 1mV.
Figure 11b. Offset and Full-Scale Adjust Circuit
ANALOG
INPUT
LTC1415 • F11b
R4
100
Ω
R1
100
Ω
R3
24k
R2
47k
R8
50k
R7
50k
R5
47k
R6
24k
0.1
µF
10
µF
5V
+AIN
–AIN
VREF
LTC1415
1
2
3
5
4
AGND
REFCOMP
the output code flickers between 1111 1111 1110 and
1111 1111 1111.
BOARD LAYOUT AND GROUNDING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1415, a printed circuit board
with ground plane is required. The ground plane under the
ADC area should be as free of breaks and holes as
possible, such that a low impedance path between all ADC
grounds and all ADC decoupling capacitors is provided. It
is critical to prevent digital noise from being coupled to the
analog input, reference or analog power supply lines.
Layout should ensure that digital and analog signal lines
are separated as much as possible. Particular care should
be taken not to run any digital track alongside an analog
signal track.
An analog ground plane separate from the logic system
ground should be established under and around the ADC.
Pin 5 (AGND), Pin 14 and Pin 19 (ADC’s DGND) and all
other analog grounds should be connected to this single
analog ground point. The REFCOMP bypass capacitor and
the DVDD bypass capacitor should also be connected to
this analog ground plane. No other digital grounds should
be connected to this analog ground plane. Low impedance
analog and digital power supply common returns are
essential to low noise operation of the ADC and the foil
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset
error must be adjusted before full-scale error. Figure 11b
shows the extra components required for full-scale error
adjustment. Zero offset is achieved by adjusting the offset
applied to the – AIN input. For zero offset error apply
0.5mV (i.e., 0.5LSB) at +AIN and adjust the offset at the
–AIN input (R8) until the output code flickers between
0000 0000 0000 and 0000 0000 0001. For full-scale
adjustment, an input voltage of 4.0945V (FS – 1.5LSBs)
is applied to the analog input and R7 is adjusted until
INPUT VOLTAGE (V)
LTC1415 • F11a
111...111
111...110
111...101
000...010
000...001
000...000
1LSB
FS – 1LSB
Figure 11a. LTC1415 Transfer Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com