Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 3Page - Linear Technology LTC1415CSW Datasheet HTML 4Page - Linear Technology LTC1415CSW Datasheet HTML 5Page - Linear Technology LTC1415CSW Datasheet HTML 6Page - Linear Technology LTC1415CSW Datasheet HTML 7Page - Linear Technology LTC1415CSW Datasheet HTML 8Page - Linear Technology LTC1415CSW Datasheet HTML 9Page - Linear Technology LTC1415CSW Datasheet HTML 10Page - Linear Technology LTC1415CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1415
12-BIT CAPACITIVE DAC
COMP
REF AMP
2.5V REF
REFCOMP
(4.096V)
CSAMPLE
CSAMPLE
•
•
•
D11
OVDD
OGND
D0
BUSY
CONTROL LOGIC
CS
CONVST RD
SHDN
INTERNAL
CLOCK
NAP/SLP
ZEROING SWITCHES
DVDD
AVDD
+AIN
–AIN
VREF
AGND
DGND
12
1415 BD
+
–
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
2k
FU CTIO AL BLOCK DIAGRA
Load Circuits for Access Timing
Load Circuits for Bus Relinquish Time
1k
100pF
100pF
DBN
(A) VOH TO Hi-Z
(B) VOL TO Hi-Z
DBN
1k
5V
1415 TC02
1k
CL
CL
DBN
(A) Hi-Z TO VOH AND VOL TO VOH
(B) Hi-Z TO VOL AND VOH TO VOL
DBN
1k
5V
1415 TC01
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com