Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 16Page - Linear Technology LTC1415CSW Datasheet HTML 17Page - Linear Technology LTC1415CSW Datasheet HTML 18Page - Linear Technology LTC1415CSW Datasheet HTML 19Page - Linear Technology LTC1415CSW Datasheet HTML 20Page - Linear Technology LTC1415CSW Datasheet HTML 21Page - Linear Technology LTC1415CSW Datasheet HTML 22Page - Linear Technology LTC1415CSW Datasheet HTML 23Page - Linear Technology LTC1415CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1415
©LINEAR TECHNOLOGY CORPORATION 1996
1415f LT/TP 0497 7K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1273/75/76
Complete 5V Sampling 12-Bit ADCs
Lower Power 75mW and Cost Effective for fSAMPLE ≤ 300ksps
with 70dB SINAD at Nyquist
LTC1274/77
Low Power 12-Bit ADCs with Nap
Lowest Power (10mW) for fSAMPLE ≤ 100ksps
and Sleep Mode Shutdown
LTC1278/79
High Speed Sampling 12-Bit ADCs
Cost Effective 12-Bit ADCs with Convert Start Input
with Shutdown
Best for 300ksps < fSAMPLE ≤ 600ksps
LTC1282
Complete 3V 12-Bit ADC with
Fully Specified for 3V-Powered Applications, fSAMPLE ≤ 140ksps
12mW Power Dissipation
LTC1409
Low Power 12-Bit, 800ksps Sampling ADC
Best Dynamic Performance, fSAMPLE ≤ 800ksps, 80mW Dissipation
LTC1410
12-Bit, 1.25Msps Sampling ADC
Best Dynamic Performance, THD = 84 and SINAD = 71 at Nyquist
with Shutdown
LTC1419
14-Bit, 800ksps Sampling ADC
81.5dB SINAD, 150mW from
±5V Supplies
LTC1605
16-Bit, 100ksps Sampling ADC
Single Supply,
±10V Input Range, Low Power
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com