Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 8Page - Linear Technology LTC1415CSW Datasheet HTML 9Page - Linear Technology LTC1415CSW Datasheet HTML 10Page - Linear Technology LTC1415CSW Datasheet HTML 11Page - Linear Technology LTC1415CSW Datasheet HTML 12Page - Linear Technology LTC1415CSW Datasheet HTML 13Page - Linear Technology LTC1415CSW Datasheet HTML 14Page - Linear Technology LTC1415CSW Datasheet HTML 15Page - Linear Technology LTC1415CSW Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1415
APPLICATIONS INFORMATION
circuitry. The reference amplifier gains the voltage at the
VREF pin by 1.638 to create the required internal reference
voltage of 4.096V. This provides buffering between the
VREF pin and the high speed capacitive DAC. The reference
amplifier compensation pin (REFCOMP, Pin 4) must be
bypassed with a capacitor to ground. The reference ampli-
fier is stable with capacitors of 1
µF or greater. For the best
noise performance a 10
µF ceramic or tantalum in parallel
with a 0.1
µF ceramic is recommended.
R2
40k
R3
64k
REFERENCE
AMP
10
µF
REFCOMP
AGND
VREF
R1
2k
BANDGAP
REFERENCE
3
4
5
2.500V
4.096V
LTC1415
LTC1415 • F08a
Figure 8a. LTC1415 Reference Circuit
1
2
3
10
µF
ANALOG
INPUT
1415 F08b
LT1019A-2.5
VOUT
VIN
5V
+AIN
–AIN
VREF
LTC1415
AGND
REFCOMP
5
4
Figure 8b. Using the LT1019-2.5 as an External Reference
LTC1415
+AIN
DIFFERENTIAL ANALOG INPUT
RANGE = (VREF)(1.638)
–AIN
VREF
REFCOMP
AGND
LTC1415 • F09
1
2
3
4
5
10
µF
LTC1450
12-BIT
RAIL-TO-RAIL DAC
1.25V TO 3V
Figure 9. Driving VREF with a DAC to Adjust Full Scale
bandwidth and settling time of this circuit. A settling time
of 5ms should be allowed for after a reference adjustment.
Differential Inputs
The LTC1415 has a unique differential sample-and-hold
circuit that allows rail-to-rail inputs. The ADC will always
convert the difference of +AIN – (–AIN) independent of the
common mode voltage. The common mode rejection is
constant from DC to 1MHz, see Figure 10a. The only
requirement is that both inputs can not exceed the AVDD
or AGND power supply voltages. Integral nonlinearity
errors (INL) and differential nonlinearity errors (DNL) are
independent of the common mode voltage, however, the
bipolar zero error (BZE) will vary. The change in BZE is
typically less than 0.1% of the common mode voltage.
Differential inputs allow greater flexibility for accepting
different input ranges. Figure 10b shows a circuit that
shifts the input range up in voltage by 200mV. This can be
useful in applications where the amplifier driving the ADC
input is not able to swing all the way to ground, because
of output loading or settling time issues.
Some AC applications may have their performance limited
by distortion. Most circuits exhibit higher distortion when
signals approach the supply or ground. Distortion can be
reduced by reducing the signal amplitude and keeping the
common mode voltage at approximately midsupply. The
circuit of Figure 10c reduces the ADC full scale from
The VREF pin can be driven with a DAC or other means
shown in Figure 9. This is useful in applications where the
peak input signal amplitude may vary. The input span of
the ADC can then be adjusted to match the peak input
signal, maximizing the signal-to-noise ratio. The filtering
of the internal LTC1415 reference amplifier will limit the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com