Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 16Page - Linear Technology LTC1415CSW Datasheet HTML 17Page - Linear Technology LTC1415CSW Datasheet HTML 18Page - Linear Technology LTC1415CSW Datasheet HTML 19Page - Linear Technology LTC1415CSW Datasheet HTML 20Page - Linear Technology LTC1415CSW Datasheet HTML 21Page - Linear Technology LTC1415CSW Datasheet HTML 22Page - Linear Technology LTC1415CSW Datasheet HTML 23Page - Linear Technology LTC1415CSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1415
S
APPLICATI
I FOR ATIO
Figure 17. Mode 1b CONVST Starts a Conversion. Data is Read by RD
DATA (N – 1)
DB11 TO DB0
CONVST
BUSY
1415 • F17
tCONV
t6
t13
t7
DATA N
DB11 TO DB0
DATA (N + 1)
DB11 TO DB0
DATA
t5
t6
t6
t8
CONVST
BUSY
1415 F18
t5
tCONV
t8
t13
t6
t9
t12
DATA N
DB11 TO DB0
t11
t10
RD
DATA
Figure 18. Mode 2 CONVST Starts a Conversion. Data is Read by RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com