Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1415CSW Datasheet HTML 7Page - Linear Technology LTC1415CSW Datasheet HTML 8Page - Linear Technology LTC1415CSW Datasheet HTML 9Page - Linear Technology LTC1415CSW Datasheet HTML 10Page - Linear Technology LTC1415CSW Datasheet HTML 11Page - Linear Technology LTC1415CSW Datasheet HTML 12Page - Linear Technology LTC1415CSW Datasheet HTML 13Page - Linear Technology LTC1415CSW Datasheet HTML 14Page - Linear Technology LTC1415CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1415
The following list is a summary of the op amps that are
suitable for driving the LTC1415, more detailed informa-
tion is available in the Linear Technology databooks and
the LinearView
TM CD-ROM.
LT
® 1215/LT1216: Dual and quad 23MHz, 50V/
µs single
supply op amps. Single 5V to
±15V supplies, 6.6mA
specifications, 90ns settling to 0.5LSB.
LT1223: 100MHz video current feedback amplifier.
±5V
to
±15V supplies, 6mA supply current. Low distortion up
to and above 400kHz. Low noise. Good for AC applica-
tions.
LT1227: 140MHz video current feedback amplifier.
±5V
to
±15V supplies, 10mA supply current. Lowest distor-
tion at frequencies above 400kHz. Low noise. Best for AC
applications.
LT1229/LT1230: Dual and quad 100MHz current feedback
amplifiers.
±2V to ±15V supplies, 6mA supply current
each amplifier. Low noise. Good AC specs.
LT1360: 37MHz voltage feedback amplifier.
±5V to ±15V
supplies. 3.8mA supply current. Good AC and DC specs.
70ns settling to 0.5LSB.
LT1363: 50MHz, 450V/
µs op amps. ±5V to ±15V sup-
plies. 6.3mA supply current. Good AC and DC specs. 60ns
settling to 0.5LSB.
LT1364/LT1365: Dual and quad 50MHz, 450V/
µsopamps.
±5V to ±15V supplies, 6.3mA supply current per ampli-
fier. 60ns settling to 0.5LSB.
Input Filtering
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1415 noise and distortion. The small-signal band-
width of the sample-and-hold circuit is 20MHz. Any noise
or distortion products that are present at the analog inputs
will be summed over this entire bandwidth. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications. For example Figure 7 shows a 1000pF
capacitor from +AIN to ground and a 100Ω source resistor
to limit the input bandwidth to 1.6MHz. The 1000pF
APPLICATIONS INFORMATION
LinearView is a trademark of Linear Technology Corporation.
capacitor also acts as a charge reservoir for the input
sample-and-hold and isolates the ADC input from sam-
pling glitch sensitive circuitry. High quality capacitors and
resistors should be used since these components can add
distortion. NPO and silver mica type dielectric capacitors
have excellent linearity. Carbon surface mount resistors can
also generate distortion from self heating and from damage
that may occur during soldering. Metal film surface mount
resistors are much less susceptible to both problems.
LTC1415
+AIN
–AIN
VREF
REFCOMP
AGND
LTC1415 • F07
1
2
3
4
5
10
µF
1000pF
100
Ω
ANALOG INPUT
Figure 7. RC Input Filter
Input Range
The 4.096V input range of the LTC1415 is optimized for
low noise. Most single supply op amps also perform well
over this same range, allowing direct coupling to the
analog inputs and eliminating the need for special transla-
tion circuitry.
Some applications may require other input ranges. The
LTC1415 differential inputs and reference circuitry can
accommodate other input ranges often with little or no
additional circuitry. The following sections describe the
reference and input circuitry and how they affect the input
range.
Internal Reference
The LTC1415 has an on-chip, temperature compensated,
curvature corrected, bandgap reference that is factory
trimmed to 2.500V. It is connected internally to a reference
amplifier and is available at VREF (Pin 3) see Figure 8a. A
2k resistor is in series with the output so that it can be
easily overdriven by an external reference or other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com