Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1415CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1415CSW
Description  12-Bit, 1.25Msps, 55mW Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1415CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1415CSW Datasheet HTML 1Page - Linear Technology LTC1415CSW Datasheet HTML 2Page - Linear Technology LTC1415CSW Datasheet HTML 3Page - Linear Technology LTC1415CSW Datasheet HTML 4Page - Linear Technology LTC1415CSW Datasheet HTML 5Page - Linear Technology LTC1415CSW Datasheet HTML 6Page - Linear Technology LTC1415CSW Datasheet HTML 7Page - Linear Technology LTC1415CSW Datasheet HTML 8Page - Linear Technology LTC1415CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1415
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
1k
100k
1M
2M
LTC1415 • TPC01
10k
VIN = 0dB
VIN = –20dB
VIN = –60dB
S/(N + D) vs Input Frequency
and Amplitude
INPUT FREQUENCY (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
LTC1415 • TPC03
THD
2ND
3RD
1k
100k
1M
2M
10k
Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
1k
LTC1415 • TPC02
100k
1M
2M
10k
Signal-to-Noise Ratio vs
Input Frequency
Spurious-Free Dynamic Range vs
Input Frequency
Intermodulation Distortion Plot
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100k
1M
2M
LTC1415 • TPC04
FREQUENCY (Hz)
0
0
–20
–40
–60
–80
–100
–120
200k
300k
600k
LTC1415 • TPC05
100k
400k
500k
fb – fa
2fb – fa
2fa – fb
2fa
2fb
3fb
fa + 2fb
3fa
2fa + fb
fa + fb
fSAMPLE = 1.25MHz
fIN1 = 86.97509766kHz
fIN2 = 113.2202148kHz
Integral Nonlinearity vs
Output Code
OUTPUT CODE
0
1.00
0.50
0.00
–0.50
–1.00
512 1024 1536
LTC1415 • TPC07
2048 2560 3072 3584 4096
Differential Nonlinearity vs
Output Code
OUTPUT CODE
0
1.00
0.50
0.00
–0.50
–1.00
512 1024 1536
LTC1415 • TPC06
2048 2560 3072 3584 4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com