Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 4Page - Linear Technology LTC1531CSW Datasheet HTML 5Page - Linear Technology LTC1531CSW Datasheet HTML 6Page - Linear Technology LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1531
The zero-cross comparator inputs, ZCPOS and ZCNEG,
have an input common mode range that allows signal
swings near the positive supply rails. The ZCPOS and
ZCNEG inputs contain ESD diode protection devices which
will clamp input signals that go below GND. The current
into the diode should be limited to less than 5mA. The
Isolated Thermistor Temperature Controller shows an
example phase shift network with attenuation that satis-
fies these conditions. The positive input voltage should
not exceed the 12V maximum rating or the 5mA input
current to the ESD diode clamp.
ISOLATION dV/dt
The maximum continuous dV/dt across the isolation bar-
rier that will still allow the isolated comparator to operate
is 50V/
µs. Continuous rates of dV/dt greater than this
cause the isolated side to not detect when its power cycle
has stopped and a comparison should begin. Figure 4
shows the maximum continuous rate trade-off of fre-
quency vs voltage of a sine wave:
SR = (
π)(f)(VP-P)
where SR = slew rate, VP-P = the peak-to-peak voltage and
f = frequency. Noise immunity to intermittent dV/dt rates
greater than 50V/
µs can be rejected by the LTC1531.
AC Noise Rejection and Things to Avoid
Minimizing AC noise pickup at the isolated comparator
should follow the following guidelines.
1. Allow the isolated side ground to float. The isolated side
should only be common with the isolated circuit.
2. Use hysteresis to decrease sensitivity by using CMPOUT.
3. Use lower impedance circuits if powered by VREG.
Avoid large capacitance tied directly to VREG output,
since this output does not go Hi-Z (high impedance)
during the off time.
PC Board Layout
The PC board layout should not have copper near the lead
frame isolation capacitors. The copper reduces the power
coupling and power delivery to the isolated side (see
Figure 6).
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS DESCRIPTION
The Isolated Thermistor Temperature Controller (front
page) uses a simple AC power rectifier and Zener to
provide 5.6V of DC power to the LTC1531. To avoid power
dissipation in the 3k, 3W resistor, DC power can be
provided with a charge pump circuit similar to the Isolated
Switch Control. In this circuit, a thermistor half bridge is
used with the 4-input comparator connected to provide
the other half of the bridge, V4 = 2.5V, V3 = 0V, giving
(V4 + V3)/2 = 1.25V. With the 50k pot set to about 30k, the
trip point is 25
°C with a hysteresis of ±0.5°C. Here, VREG
turns on and powers the half-bridge while the comparator
samples the result. The zero-cross comparator, ZCPOS
and ZCNEG, is used to trigger a triac at the 10
°phasepoint.
The circuit, R1, R2 and C1, provides the phase shift,
θ, as
determined by:
R2C1
≅ tan(θ)/2π60Hz
and where the attenuation
≅ R2/R1. In this example,
R1 = 680k, R2 = 47k and C1 = 0.01
µF, provide a 7V peak
input signal with 10
° of phase lag.
Figure 6. PC Board Layout Consideration
1
2
3
4
11
12
13
14
28
27
26
25
18
17
16
15
VCC
SHDN
ZCNEG
ZCPOS
VPW
CMPOUT
VREG
ISOGND
GND
ZCDATA
DATA
VALID
ETCH COPPER
FROM THE
SHADED AREA
V1
V2
V3
V4
SW PACKAGE
28-LEAD PLASTIC SO (ISO)
TOP VIEW
1531 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com