Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 6Page - Linear Technology LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology LTC1531CSW Datasheet HTML 13Page - Linear Technology LTC1531CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1531
TYPICAL APPLICATIONS
Figure 7. Remote Light-Controlled Switch
Figure 8. Isolated Switch Control
5.6V
AC
120V
NEUTRAL
ISOGND
V1
V2
V3
ISOLATION
BARRIER
1531 F07
VALID
GND
3k
3W
HYSTERESIS
560k
TRIAC FIRING:
θ = DESIRED PHASE LAG
R2 • C1 = Tan(
θ)/(2π60Hz)
R2/(R1 + R2) = ATTENUATION
2.5V
100
µF
2.2
µF
LTC1531
R2
47k
150
Ω
2N2222
+
–
CADMIUM
LIGHT
SENSOR
100k
100k
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS ZCNEG
DATA
1k
R1
680k
C1
0.01
µF
+
+
+
V4
TECCOR
Q4008L4
OR EQUIVALENT
1N4004
LOAD
25
Ω
1
1
1
1
= ISOLATED GROUND
1
20
µF
50V
750
Ω
0.5W
QD
DANGER!
LETHAL VOLTAGES
IN THIS SECTION!
5.6V
AC
120V
NEUTRAL
LOAD
25
Ω
ISOGND
V1
V2
V3
V4
ISOLATION
BARRIER
1531 F08
VALID
GND
390
Ω
1M
2.5V
100
µF
1
µF
LOW
VOLTAGE
SWITCH
LTC1531
R2
47k
470
Ω
2W
150
Ω
2N2222
+
–
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS ZCNEG
DATA
LED
1k
R1
680k
C1
0.01
µF
1
µF
275V
+
10
µF
50V
+
+
TECCOR
Q4008L4
OR EQUIVALENT
1
1
1
1
= ISOLATED GROUND
1
TRIAC FIRING:
θ = DESIRED PHASE LAG
R2 • C1 = Tan(
θ)/(2π60Hz)
R2/(R1 + R2) = ATTENUATION
1N4004
QD
DANGER!
LETHAL VOLTAGES
IN THIS SECTION!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com