Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1531CSW Datasheet HTML 1Page - Linear Technology LTC1531CSW Datasheet HTML 2Page - Linear Technology LTC1531CSW Datasheet HTML 3Page - Linear Technology LTC1531CSW Datasheet HTML 4Page - Linear Technology LTC1531CSW Datasheet HTML 5Page - Linear Technology LTC1531CSW Datasheet HTML 6Page - Linear Technology LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1531
Self-Powered Isolated
Comparator
s
UL Recognized File E151738 to UL1577
s
Self-Powered Across Isolation Barrier
s
2500VRMS Isolation
s
2.5V Isolated Reference, ILOAD = 5mAMAX
s
Zero-Cross Output for Line Power
s
Dual Differential Input Comparator
s
High Input Impedance Comparator
The LTC
®1531 is an isolated self-powered dual differential
comparator. An internal capacitive isolation barrier pro-
vides 2500VRMS of isolation between the comparator and
its output. The part provides UL-rated isolated compari-
sons without the need for an isolated supply since both
comparator power and output data are transmitted across
the capacitive barrier. The comparator data is transferred
differentially across the isolation barrier to provide high
common mode voltage and noise immunity.
The isolated side can supply a 2.5V reference output to
power external sensor circuits such as a thermistor bridge.
The dual differential comparator inputs allow for compari-
son of two differential voltages as well as single-ended
voltages. The powered side provides a latched data output
as well as a pulsed zero-cross comparator output for
controlling a triac. The part is available in a 28-lead SO
package.
Isolated Thermistor Temperature Controller
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Self-Powered Isolated Sensing
s
Isolated Temperature Control
s
Isolated Voltage Monitor
s
Isolated Switch Control
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATION
–5.6V
5.6V
AC
120V
NEUTRAL
2N2222
LOAD
25
Ω
TECCOR
Q4008L4
OR EQUIVALENT
ISOGND
V1
ISOLATION
BARRIER
1531 TA01
VALID
GND
390
Ω
R5*1M
RTHERM =
RO • eB (1/T – 1/TO)
B = 3807
TO = 297°K
2.5V
20
µF
50V
1
µF
T
LTC1531
R2
47k
R1
680k
150
Ω
750
Ω
0.5W
+
–
THERM
30k
YSI 44008
R4
50k
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
ZCNEG
DATA
LED
1k
QD
C1
0.01
µF
3k
3W
1N4004
+
100
µF
+
+
1
1
1
1
*HYSTERESIS = 1
°C AT TO
= ISOLATED GROUND
1
V3
V4
V2
R6
22k
DANGER!
LETHAL VOLTAGES
IN THIS SECTION!


Similar Part No. - LTC1531CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1531 LINER-LTC1531 Datasheet
196Kb / 16P
Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
Self-Powered Isolated Comparator
More results

Similar Description - LTC1531CSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
Self-powered Time Counter
logo
Burr-Brown (TI)
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
Self-Powered Tachometer
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
FOR USB SELF-POWERED DEVICES
16-Aug-1999
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
Self-Powered Isolated Comparator
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
Self-powered Total Counter
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
Self-powered operation
logo
Maxim Integrated Produc...
MAX22530 MAXIM-MAX22530 Datasheet
939Kb / 36P
Field-Side Self-Powered, 4-Channel, 12-bit, Isolated ADC
Rev 0; 3/21
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
Self-powered, Wireless Switch
logo
Allegro MicroSystems
AHV85110 ALLEGRO-AHV85110 Datasheet
438Kb / 3P
Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com