Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology LTC1531CSW Datasheet HTML 13Page - Linear Technology LTC1531CSW Datasheet HTML 14Page - Linear Technology LTC1531CSW Datasheet HTML 15Page - Linear Technology LTC1531CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1531
Figure 14. Isolated Window Comparator
TYPICAL APPLICATIONS
ISOGND
V1
V2
V3
V4
ISOLATION
BARRIER
1531 F14
VALID
GND
2.5V
2.2
µF
2.2
µF
LTC1531 (2)
+
–
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
ZCNEG
DATA
5V
QD
+
ISOGND
V1
V2
V3
V4
VALID
GND
2.5V
LTC1531 (1)
+
–
VIN
R1
400k
R2
100k
WIDTH/2
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
ZCNEG
DATA
VWINDOW
WINDOW WIDTH = 1V
R1 = R2 (5/WIDTH – 1)
VLOW
VHIGH
QD
+
+
–
1
1
= ISOLATED GROUND
= EQUIPMENT GROUND
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com