Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 5Page - Linear Technology LTC1531CSW Datasheet HTML 6Page - Linear Technology LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology LTC1531CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1531
APPLICATIONS INFORMATION
The Remote Light-Controlled Switch (Figure 7) is similar
to the Isolated Thermistor Temperature Controller. The
thermistor is replaced with a Cadmium Light Sensor.
The Isolated Switch Control (Figure 8) is also similar,
where a low voltage switch is isolated from the AC power
control. Here, a charge pump using the 1
µF nonpolar
capacitor and diodes are used for powering the LTC1531.
The Isolated Voltage Sense circuit (Figure 9) uses the
three-state CMPOUT pin in a delta-sigma configuration.
Here, the time constant of R1C1 is increased by the
effective duty cycle of CMPOUT ON to OFF time. At a 300Hz
sample rate and a typical ON time of 108
µs, the time
constant is:
(1M • 0.22
µF)/(300Hz • 108µs) ≈ 6.6sec
The input range is 0V to 2.5V set by the VREG output
voltage. The output is recovered using a rail-to-rail op
amp, LT1490, averaging circuit with a 10sec time con-
stant. The output range is 0V to VCC output for a 0V to VREG
input range.
The Isolated Potentiometer Transducer Sense circuit
(Figure 10) uses the same principle as the Isolated Voltage
Sense circuit to provide a 0V to VCC output proportional to
the potentiometer sensor input.
The Isolated Thermocouple Voltage circuit (Figure 11)
again uses the delta-sigma approach to translate a ther-
mocouple temperature into a 0V to VCC output. Addition-
ally, a micropower op amp, the LT1495, is used to provide
a continuous voltage amplification of the thermocouple.
The LT1389 with the thermistor bridge provides cold
junction compensation over a 0
°C to 60°C temperature
range within
±0.5°C. The op amp gain is set to give the K-
type thermocouple a 0
°C to 200°C range which translates
to a 0V to VCC output signal. Reducing R3 will increase the
temperature sensing range.
The Over Temperature Detect circuit (Figure 12) uses the
same continuous micropower cold junction compensa-
tion circuit as in the Isolated Thermocouple Voltage cir-
cuit. In this case, the comparator’s minus input is set to
1.25V, which corresponds to 100
°C as set by the LT1495
op amp gain. When the thermocouple exceeds 100
°C,
VTRIP goes high.
The Isolated Battery Cell Monitor circuit (Figure 13) uses
LTC1531 isolation to both float the individual grounds on
the isolated comparator and isolate the battery from the
logic outputs, CELL1, CELL2, ... In this application, R1 and
R2 (R3 and R4) divide the 2.5V reference down to 0.89V,
while the cell voltage is divided in half by connecting V1 to
the cell and V2 to 0V. Hence, when the cell voltage drops
below 1.786V, CELL1 goes high. Likewise for additional
cells with additional LTC1531s.
The Isolated Window Comparator circuit (Figure 14) uses
two LTC1531s and a logic gate to provide isolated window
comparisons. In this circuit, the first LTC1531, VHIGH,
does the comparison:
V1 – V3 > V4 – V2
or
(0V – X • VREG) > (VIN– – VIN+)
or
X • VREG < (VIN+ – VIN–)
where X = R2/(R2 + R1).
The second LTC1531, VLOW, does the comparison:
(–X • VREG) > (VIN+ – VIN–)
When (VIN+ – VIN–) is less than –X • VREG, VLOW goes high
and when (VIN+ – VIN–) is greater than X • VREG, VHIGH
goes high. In between –X • VREG and +X • VREG, VWINDOW
is high. Therefore, the window width is 2 • X • VREG.
The AC Line Overcurrent Detect circuit (Figure 15) uses
the micropower op amps, the quad LTC1496, to peak
detect the voltage across a sense resistor in series with an
AC load. The two amplifiers connected to RSENSE act as
half-wave rectifiers because their outputs cannot swing
below ground. The gain is set to trip when the voltage on
RSENSE exceeds 125mV and the minus comparator input
is set to 1.25V. The peak detector has a discharge resistor
of 1M plus the op amp input bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com