Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology LTC1531CSW Datasheet HTML 13Page - Linear Technology LTC1531CSW Datasheet HTML 14Page - Linear Technology LTC1531CSW Datasheet HTML 15Page - Linear Technology LTC1531CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1531
Figure 13. Isolated Battery Cell Monitor
TYPICAL APPLICATIONS
ISOGND
V1
V2
V3
V4
ISOLATION
BARRIER
1531 F13
VALID
GND
2.5V
2.2
µF
TO
OTHER
CELLS
TO
OTHER
CELLS
2.2
µF
LTC1531
+
–
R3
180k
R4
100k
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS ZCNEG
ZCNEG
DATA
CELL 1
5V
QD
+
ISOGND
V1
V2
V3
V4
VALID
GND
2.5V
LTC1531
+
–
R1
180k
VTRIP
= 1.8V
R2
100k
VPW
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
DATA
CELL 2
QD
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com