Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology LTC1531CSW Datasheet HTML 11Page - Linear Technology LTC1531CSW Datasheet HTML 12Page - Linear Technology LTC1531CSW Datasheet HTML 13Page - Linear Technology LTC1531CSW Datasheet HTML 14Page - Linear Technology LTC1531CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1531
Figure 10. Isolated Potentiometer Transducer Sense
Figure 9. Isolated Voltage Sense
TYPICAL APPLICATIONS
VOUT
0V TO VCC
FULL-SCALE
OUTPUT
ISOGND
V1
V2
V3
V4
1531 F09
VALID
10k
GND
R1, 1M
ISOLATION
BARRIER
DELTA-SIGMA TYPE MODULATION:
CMPOUT IS ON 108
µs AT ~300Hz RATE
THEREFORE: 108
µs • 300Hz = 1/30TH
TIME CONSTANT = 1M • 30 • 0.22
µF = 6.6sec
2.5V
2.2
µF
C1
0.22
µF
LTC1531
+
–
VPW
0V TO 2.5V
FULL-SCALE
INPUT
VCC
VCC
VCC
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
ZCNEG
DATA
10k
R3
10M
QD
R2
10M
C2, 1
µF
+
LT1490
1
1
1
= ISOLATED GROUND
= EQUIPMENT GROUND
1
RESOLUTION = 4mV
SETTLING TIME = 10sec
VOUT
0V TO VCC
FULL-SCALE
OUTPUT
ISOGND
V1
V2
V3
V4
1531 TA05
VALID
10k
GND
R1, 1M
ISOLATION
BARRIER
DELTA-SIGMA TYPE MODULATION:
CMPOUT IS ON 108
µs AT ~300Hz RATE
THEREFORE: 108
µs • 300Hz = 1/30TH
TIME CONSTANT = 1M • 30 • 0.22
µF = 6.6sec
2.5V
2.2
µF
100k
C1
0.22
µF
LTC1531
+
–
VPW
VCC
VCC
VCC
VCC
SHDN
CMPOUT
VREG
ZCDATA
ZCPOS
ZCNEG
DATA
10k
R3
10M
QD
R2
10M
C2, 1
µF
+
LT1490
1
1
1
1
= ISOLATED GROUND
= EQUIPMENT GROUND
1
RESOLUTION = 4mV
SETTLING TIME = 10sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com