Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1531CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1531CSW
Description  Self-Powered Isolated Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1531CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1531CSW Datasheet HTML 2Page - Linear Technology LTC1531CSW Datasheet HTML 3Page - Linear Technology LTC1531CSW Datasheet HTML 4Page - Linear Technology LTC1531CSW Datasheet HTML 5Page - Linear Technology LTC1531CSW Datasheet HTML 6Page - Linear Technology LTC1531CSW Datasheet HTML 7Page - Linear Technology LTC1531CSW Datasheet HTML 8Page - Linear Technology LTC1531CSW Datasheet HTML 9Page - Linear Technology LTC1531CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1531
APPLICATIONS INFORMATION
The LTC1531 is an isolated self-powered dual differential
comparator. It contains a switched-capacitor comparator
that is self-powered through a capacitive isolation barrier.
The capacitive isolation barrier provides 2500VRMS of
isolation. The isolated comparator cycles between storing
power and performing sampled comparisons. During the
power delivery cycle, the nonisolated powered side deliv-
ers power through the internal isolation capacitors and
rectifier onto an external storage capacitor. Periodically
the isolated comparator makes a comparison if sufficient
voltage has been stored on the external supply capacitor.
See Timing and Block Diagrams.
During a comparison, the isolated side uses the energy
stored on the external capacitor to deliver a regulated 2.5V
power source for 108
µs followed by a sampled compari-
son. The result is transmitted back to the nonisolated
powered side and latched as the logic level DATA output.
A comparison will occur during the listen cycle if sufficient
voltage (3.3V) has been stored on the isolated external
capacitor. New DATA is latched only if a comparison was
actually done. A zero-crossing trigger pulse output for
firing a triac, ZCDATA, is available to trigger a triac when
the latched DATA output is high. A VALID data output pulse
is provided after each power-listen cycle in which a com-
parison was done to indicate that DATA has been updated.
The VALID output can be used to clock external circuitry
when a new comparator DATA value occurs.
POWER-LISTEN CYCLE
Self-Powering Through the Isolation Barrier
The LTC1531 comparator powered side toggles between
delivering power to the isolated side and listening for a
comparison result (see Timing Diagram). During the power
cycle, AC power is delivered through the isolation capaci-
tors, formed in the lead frame, to the isolated side. During
the listen cycle, the powered side receives pulses from the
isolated side and determines if a valid comparison
occurred.
The isolated side of the LTC1531 requires an external
capacitor connected to VPW whose value must be large
enough to sustain less than a 300mV drop for 108
µs with
the internal + external VREG load current. Power is deliv-
ered to this external capacitor through the internal isola-
tion capacitors and rectifiers during the power cycle.
When this voltage reaches approximately 3.3V, the com-
pare circuitry is enabled and a comparison will occur
during the next listen cycle. With VCC = 5V, this capacitive
coupled isolated power source can be modeled as an
equivalent 5.3V to 6.5V source with a 100k
Ω source
impedance. The VPW pin will tend to self-regulate at 3.3V
with a ripple determined by the discharge current supplied
during the 108
µs VREG output pulse and the external
capacitor value. The value of the capacitor affects the initial
start-up time and the ripple voltage on VPW, but it does not
influence the sample rate of the comparator. This is
because the sample rate is determined by the rate of power
delivered through the isolation barrier and the rate it is
consumed in the internal plus external isolated circuits.
Any excessive external DC loading on VPW may prevent the
capacitor voltage from reaching the required 3.3V enable
voltage. Up to 20
µA of continuous loading on VPW can be
tolerated based on the 100k, 5.3V model of the power
source (see Typical Applications for examples). The qui-
escent current of the isolated side is approximately 2
µA
to 3
µA.
SAMPLE RATE
The comparator sample rate depends on the charging rate
through the isolated capacitors and the external + internal
load current . The power-listen cycles at 700Hz to 900Hz,
however, a comparison will only occur when VPW exceeds
the 3.3V enable voltage. Typical sample rate for light
loading is 200Hz to 300Hz. The actual sampling is not
uniform, but occurs during the listen period of the power
cycle and when VPW ≥ 3.3V. Typical sample rates for
various supply and load conditions are plotted in Figure 3.
Continuous micropower loads will also decrease the sample
rate.
VREG Reference Output
The VREG reference output pulses on for approximately
108
µs at 2.5V. During the off time, VREG does not go high
impedance. The VREG output stage is shown in Figure 5.
Large capacitance should not be attached to VREG in order
to avoid power loss. Charging of the VREG output capaci-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com