Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1530CS8 Datasheet HTML 1Page - Linear Technology LTC1530CS8 Datasheet HTML 2Page - Linear Technology LTC1530CS8 Datasheet HTML 3Page - Linear Technology LTC1530CS8 Datasheet HTML 4Page - Linear Technology LTC1530CS8 Datasheet HTML 5Page - Linear Technology LTC1530CS8 Datasheet HTML 6Page - Linear Technology LTC1530CS8 Datasheet HTML 7Page - Linear Technology LTC1530CS8 Datasheet HTML 8Page - Linear Technology LTC1530CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1530
High Power Synchronous
Switching Regulator Controller
The LTC
®1530 is a high power synchronous switching
regulator controller optimized for 5V to 1.3V-3.5V output
applications. Its synchronous switching architecture drives
two external N-channel MOSFET devices to provide high
efficiency. The LTC1530 contains a precision trimmed
reference and feedback system that provides worst-case
output voltage regulation of
±2% over temperature, load
current and line voltage shifts. Current limit circuitry
senses the output current through the on-resistance of
the topside N-channel MOSFET, providing an adjustable
current limit without requiring an external low value sense
resistor.
The LTC1530 includes a fixed frequency PWM oscillator
that free runs at 300kHz, providing greater than 90%
efficiency in converter designs from 1A to 20A of output
current. Shutdown mode drops the LTC1530 supply cur-
rent to 45
µA.
The LTC1530 is specified for commercial and industrial
temperature ranges and is available in the S0-8 package.
Figure 1. Single 5V to 3.3V Supply
LOAD CURRENT (A)
0
0.3
100
90
80
70
60
50
40
30
20
10
0
4
8
10
1530 F01b
2
6
12
14
TA = 25°C
Efficiency vs Load Current
s
High Power Buck Converter from 5V or 3.3V
Main Power
s
Adjustable Current Limit in S0-8 with
Topside FET RDS(ON) Sensing
s
No External Sense Resistor Required
s
Hiccup Mode Current Limit Protection
s
Adjustable, Fixed 1.9V, 2.5V, 2.8V and 3.3V Output
s
All N-Channel MOSFET Synchronous Driver
s
Excellent Output Regulation:
±2% over Line, Load
and Temperature Variations
s
High Efficiency: Over 95% Possible
s
Fast Transient Response
s
Fixed 300kHz Frequency Operation
s
Internal Soft-Start Circuit
s
Quiescent Current: 1mA, 45
µA in Shutdown
s
Power Supply for Pentium
® II, AMD-K6®-2, SPARC,
ALPHA and PA-RISC Microprocessors
s
High Power 5V to 1.3V-3.5V Regulators
+
+
2.7k
0.1
µF
10
µF
+
CO
††
330
µF
× 7
CIN**
1200
µF
× 4
LO
†
2
µH
MBR0530T1 MBR0530T1
20
Ω
PVCC
GND
LTC1530-3.3
G1
COMP
IFB
IMAX
G2
VOUT
VOUT
3.3V
14A
1530 F01a
VIN
5V
* SILICONIX SUD50N03-10
** SANYO 10MV1200GX
COILTRONICS (561) 241-7876
RC
10k
CC
0.022
µF
0.22
µF
Q1*
Q2*
C1
150pF
† COILTRONICS CTX02-13198
OR PANASONIC ETQP6F2R5HA
†† AVX TPSE337M006R0100
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corp.
AMD-K6 is a registered trademark of Advanced Micro Devices, Inc.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1530CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1530 LINER-LTC1530 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1530 LINER-LTC1530 Datasheet
311Kb / 24P
High Power Synchronous Switching Regulator Controller
LTC1530 LINER-LTC1530_15 Datasheet
311Kb / 24P
High Power Synchronous Switching Regulator Controller
More results

Similar Description - LTC1530CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
100V Synchronous Switching Regulator Controller
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
60V Synchronous Switching Regulator Controller
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC1530 LINER-LTC1530_15 Datasheet
311Kb / 24P
High Power Synchronous Switching Regulator Controller
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
100V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
60V Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com