Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 15Page - Linear Technology LTC1530CS8 Datasheet HTML 16Page - Linear Technology LTC1530CS8 Datasheet HTML 17Page - Linear Technology LTC1530CS8 Datasheet HTML 18Page - Linear Technology LTC1530CS8 Datasheet HTML 19Page - Linear Technology LTC1530CS8 Datasheet HTML 20Page - Linear Technology LTC1530CS8 Datasheet HTML 21Page - Linear Technology LTC1530CS8 Datasheet HTML 22Page - Linear Technology LTC1530CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1530
LTC1530 3.3V to 1.8V, 14A Application
+
+
+
0.1
µF
0.22
µF
0.22
µF
10
µF
10
µF
3.3
µF
+
COUT
1500
µF
× 4
CIN
1500
µF
× 3
L1
2.5
µH
20
Ω
R1
576
Ω
1%
R2
1.24k
1%
2.4k
PVCC
PVCC
GND
LTC1530-ADJ
LTC1517-5
G1
1
5
3
2
C1+
C1–
4
5
1
2
4
8
6
7
3
COMP
IFB
IMAX
G2
VSENSE
VOUT
GND
VIN
1530 TA03
VIN
3.3V
L1 = PANASONIC ETQP6F2R5HA PCC-N6
CIN = 3× SANYO 6MV1500GX
COUT = 4× SANYO 6MV1500GX
RC
13k
CC
0.022
µF
Q2
SUD50N03
Q1
SUD50N03
C1
100pF
VOUT
1.8V
14A
D1
MBRS120
D2
MBRS120
Other Methods to Generate PVCC Supply from 3.3V Input
1
µF
PVCC
12V
+
68
µF
20V
+
47
µF
L1*
33
µH
30
Ω
VIN
GND
SW2
LT1107-12
21
4
5
8
3
SW1
ILIM
SENSE
1530 TA04
VIN
3.3V
* SUMIDA CD54-330K OR
COILCRAFT DT3316-473
** SUMIDA CD43-100
D1
MBRS120T3
1
µF
PVCC
10V
+
10
µF
20V
+
3.3
µF
100pF
3000pF
L1**
10
µH
SHDN
VIN
GND
VC
LT1317
36
1
4
2
5
SW
FB
VIN
3.3V
D1
MBR0520
33k
300k
2.2M
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com