Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 12Page - Linear Technology LTC1530CS8 Datasheet HTML 13Page - Linear Technology LTC1530CS8 Datasheet HTML 14Page - Linear Technology LTC1530CS8 Datasheet HTML 15Page - Linear Technology LTC1530CS8 Datasheet HTML 16Page - Linear Technology LTC1530CS8 Datasheet HTML 17Page - Linear Technology LTC1530CS8 Datasheet HTML 18Page - Linear Technology LTC1530CS8 Datasheet HTML 19Page - Linear Technology LTC1530CS8 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1530
Thermal Considerations
Limit the LTC1530’s junction temperature to less than
125
°C. The LTC1530’s SO-8 package is rated at 130°C/W
and care must be taken to ensure that the worst-case input
voltage and gate drive load current requirements do not
cause excessive die temperatures. Short-circuit or fault
conditions may activate the internal thermal shutdown
circuit.
LAYOUT CONSIDERATIONS
When laying out the printed circuit board (PCB), the
following checklist should be used to ensure proper
operation of the LTC1530. These items are illustrated
graphically in the layout diagram of Figure 9. The thicker
lines show the high current power paths. Note that at 10A
current levels or above, current density in the PCB itself is
a serious concern. Traces carrying high current should be
as wide as possible. For example, a PCB fabricated with
2oz copper requires a minimum trace width of 0.15" to
carry 10A, and only if trace length is kept short.
1. In general, begin the layout with the location of the
power devices. Orient the power circuitry so that a clean
power flow path is achieved. Maximize conductor widths
but minimize conductor lengths. Keep high current
connections on one side of the PCB if possible. If not,
minimize the use of vias and keep the current density in
the vias to <1A/via, preferably < 0.5A/via. After achiev-
ing a satisfactory power path layout, proceed with the
control circuitry layout. It is much easier to find routes
for the relatively small traces in the control circuits than
it is to find circuitous routes for high current paths.
2. Tie the GND pin to the ground plane at a single point,
preferably at a fairly quiet point in the circuit, such as the
bottom of the output capacitors. However, this is not
always practical due to physical constraints. Connect
the low side source to the input capacitor ground.
Connect the input and output capacitor to the ground
plane. Run a separate trace for the low side FET source
to the input capacitors. Do not tie this single point
ground in the trace run between the low side FET source
and the input capacitor ground. This area of the ground
plane is very noisy.
3. Locate the small signal resistor and capacitors used for
frequency compensation close to the COMP pin. Use a
separate ground trace for these components that ties
directly to the GND pin of the LTC1530. Do not connect
these components to the ground plane!
4. Place the PVCC decoupling capacitor as close to the
LTC1530 as possible. The 10
µFbypasscapacitorshown
at PVCC helps provide optimum regulation performance
by minimizing ripple at the PVCC pin.
5. Connect the (+) plate of CIN as close as possible to the
drain of the upper MOSFET. LTC recommends an
additional 1
µF low ESR ceramic capacitor between VIN
and power ground.
6. The VSENSE/VOUT pin is very sensitive to pickup from the
switching node. Care must be taken to isolate this pin
from capacitive coupling to the high current inductor
switching signals. A 0.1
µF is recommended between
the VOUT pin and the GND pin directly at the LTC1530 for
fixed voltage versions. For the adjustable voltage ver-
sion, keep the resistor divider close to the LTC1530.
The bottom resistor’s ground connection should tie
directly to the LTC1530’s GND pin.
7. Kelvin sense IMAX and IFB at the drain and source pins
of Q1.
8. Minimize the length of the gate lead connections.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com