Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 2Page - Linear Technology LTC1530CS8 Datasheet HTML 3Page - Linear Technology LTC1530CS8 Datasheet HTML 4Page - Linear Technology LTC1530CS8 Datasheet HTML 5Page - Linear Technology LTC1530CS8 Datasheet HTML 6Page - Linear Technology LTC1530CS8 Datasheet HTML 7Page - Linear Technology LTC1530CS8 Datasheet HTML 8Page - Linear Technology LTC1530CS8 Datasheet HTML 9Page - Linear Technology LTC1530CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1530
COMP to compensate the feedback loop for optimum
transient response. To shut down the LTC1530, pull this
pin below 0.1V with an open-collector or open-drain
transistor. Supply current is typically reduced to 45
µA in
shutdown. An internal 4
µA pullup ensures start-up.
IMAX (Pin 5): Current Limit Threshold. Current limit is set
by the voltage drop across an external resistor connected
between the drain of Q1 and IMAX. This voltage is com-
pared with the voltage across the RDS(ON) of the high side
MOSFET. The LTC1530 contains a 200
µA internal pull-
down at IMAX to set current limit. This 200µA current
source has a positive temperature coefficient to provide
first order correction for the temperature coefficient of the
external N-channel MOSFET’s RDS(ON).
IFB (Pin 6): Current Limit Sense Pin. Connect IFB to the
switching node between Q1’s source and Q2’s drain. If IFB
drops below IMAX with G1 on, the LTC1530 enters current
limit. Under this condition, the internal soft-start capacitor
is discharged and COMP is pulled low slowly. Duty cycle
is reduced and output power is limited. The current limit
circuitry is only activated if PVCC ≥ 8V. This action eases
start-up considerations as PVCC is ramping up because
the MOSFET’s RDS(ON) can be significantly higher than
what is measured under normal operating conditions. The
current limit circuit is disabled by floating IMAX and short-
ing IFB to PVCC.
G2 (Pin 7): Gate Drive for the Low Side N-Channel MOSFET,
Q2. This output swings from PVCC to GND. It is always low
if G1 is high or if the output is disabled. To prevent
undershoot during a soft-start cycle, G2 is held low until
G1 first transitions high.
G1 (Pin 8): Gate Drive for the Topside N-Channel MOSFET,
Q1. This output swings from PVCC to GND. It is always low
if G2 is high or if the output is disabled.
PVCC (Pin 1): Power Supply for G1, G2 and Logic. PVCC
must connect to a potential of at least VIN + VGS(ON)Q1. If
VIN = 5V, generate PVCC using a simple charge pump
connected to the switching node between Q1 and Q2 (see
Figure 1) or connect PVCC to a 12V supply. Bypass PVCC
properly or erratic operation will result. A low ESR 10
µF
capacitor or larger bypass capacitor along with a 0.1
µF
surface mount ceramic capacitor in parallel is recom-
mended from PVCC directly to GND to minimize switching
ripple. Switching ripple should be
≤100mV at the PVCC
pin.
GND (Pin 2): Power and Logic Ground. GND is connected
to the internal gate drive circuitry and the feedback cir-
cuitry. To obtain good output voltage regulation, use
proper ground techniques between the LTC1530 GND and
bottom-side FET source and the negative terminal of the
output capacitor. See the Applications Information section
for more details on PCB layout techniques.
VSENSE/VOUT (Pin 3): Feedback Voltage Pin. For the adjust-
able LTC1530, use an external resistor divider to set the
required output voltage. Connect the tap point of the
resistor divider network to VSENSE and the top of the
divider network to the output voltage. For fixed output
voltage versions of the LTC1530, the resistor divider is
internal and the top of the resistor divider network is
brought out to VOUT. In general, the resistor divider
network for each fixed output voltage version sinks ap-
proximately 30
µA. Connect VOUT to the output voltage
either at the output capacitors or at the actual point of load.
VSENSE/VOUT is sensitive to switching noise injected into
the pin. Isolate high current switching traces from this pin
and its PCB trace.
COMP (Pin 4): External Compensation. The COMP pin is
connected to the error amplifier output and the input of the
PWM comparator. An RC + C network is typically used at
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com