Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 11Page - Linear Technology LTC1530CS8 Datasheet HTML 12Page - Linear Technology LTC1530CS8 Datasheet HTML 13Page - Linear Technology LTC1530CS8 Datasheet HTML 14Page - Linear Technology LTC1530CS8 Datasheet HTML 15Page - Linear Technology LTC1530CS8 Datasheet HTML 16Page - Linear Technology LTC1530CS8 Datasheet HTML 17Page - Linear Technology LTC1530CS8 Datasheet HTML 18Page - Linear Technology LTC1530CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1530
Although a mathematical approach to frequency compen-
sation can be used, the added complication of input and/
or output filters, unknown capacitor ESR, and gross
operating point changes with input voltage, load current
variations and frequency of operation all suggest a more
practical empirical method. This can be done by injecting
a transient current at the load and using an RC network box
to iterate toward the final compensation values or by
obtaining the optimum loop response using a network
analyzer to find the actual loop poles and zeros.
Table 2 shows the suggested compensation components
for 5V input applications based on the inductor and output
capacitor values. The values were calculated using mul-
tiple paralleled 330
µF AVX TPS series surface mount
tantalum capacitors for the output capacitor. The opti-
mum component values might deviate from the suggested
values slightly because of board layout and operating
condition differences.
Table 2. Suggested Compensation Network for a 5V Input
Application Using Multiple Paralleled 330
µF AVX TPS Output
Capacitors for 2.5V Output
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
990
1.3
0.022
1000
1
1980
2.7
0.022
470
1
4950
6.8
0.01
220
2.7
990
3.6
0.022
330
2.7
1980
7.5
0.01
220
2.7
4950
18
0.01
68
5.6
990
7.5
0.01
220
5.6
1980
15
0.01
100
5.6
4950
36
0.0047
47
An alternate output capacitor is the Sanyo MV-GX series.
Using multiple paralleled 1500
µF Sanyo MV-GX capaci-
tors for the output capacitor, Table 3 shows the suggested
compensation components for 5V input applications based
on the inductor and output capacitor values.
Table 3. Suggested Compensation Network for a 5V Input
Application Using Multiple Paralleled 1500
µF SANYO MV-GX
Output Capacitors for 2.5V Output
LO (µH)
CO (µF)
RC (kΩ)CC (µF)
C1 (pF)
1
4500
3
0.022
470
1
6000
4
0.022
330
1
9000
6
0.022
220
2.7
4500
8.2
0.022
150
2.7
6000
11
0.01
100
2.7
9000
16
0.01
100
5.6
4500
16
0.01
100
5.6
6000
22
0.01
68
5.6
9000
33
0.01
47
Note: For different values of VOUT, multiply the RC value by VOUT/2.5 and
multiply the CC and C1 values by 2.5/VOUT. This maintains the same
crossover frequency for the closed-loop transfer function.
C1
RC
CC
LTC1530
VOUT
COMP
1530 F08a
+
–
ERR
BG
3
4
Figure 8a. Compensation Pin Hook-Up
FREQUENCY
1530 F08b
–20dB/DECADE
fSW = LTC1530 SWITCHING FREQUENCY
fCO = CLOSED-LOOP CROSSOVER FREQUENCY
fZ
fLC fESR
fCO
fP
Figure 8b. Bode Plot of the LTC1530 Overall
Transfer Function
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com