Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 3Page - Linear Technology LTC1530CS8 Datasheet HTML 4Page - Linear Technology LTC1530CS8 Datasheet HTML 5Page - Linear Technology LTC1530CS8 Datasheet HTML 6Page - Linear Technology LTC1530CS8 Datasheet HTML 7Page - Linear Technology LTC1530CS8 Datasheet HTML 8Page - Linear Technology LTC1530CS8 Datasheet HTML 9Page - Linear Technology LTC1530CS8 Datasheet HTML 10Page - Linear Technology LTC1530CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1530
Figure 2
Figure 3
PVCC
12V
VIN
5V
Q1
Si4410DY
LO*
2.4
µH
*SUMIDA CDRH127-2R4
**AVX TPSE337M006R0100
***SANYO 10MV1200GX
+
Q2
Si4410DY
RC
8.2k
750
Ω
100
Ω
CC
0.01
µF
0.1
µF
10
µF
+
+
CO**
330
µF
× 8
CIN***
1200
µF
× 2
VOUT
2.5V
6A
1530 F02
C1
100pF
IMAX
PVCC
GND
G1
IFB
G2
VOUT
COMP
LTC1530-2.5
+
0.1
µF
10
µF
1530 F03
IMAX
PVCC
PVCC
12V
GND
G1
NC
NC
NC
VFB
IFB
G2
VSENSE/VOUT
COMP
COMP
LTC1530
–
+
–
+
–
+
COMP
ICOMP
CSS
ISS
MSS
DISDR
INTERNAL
OSCILLATOR
LOGIC AND
THERMAL SHUTDOWN
POWER DOWN
4
–
+
VREF
VREF – 3%
IFB
VREF + 3%
ERR
MIN
gm = 2millimho
PWM
–
+
MAX
PVCC
FB
+
–
G2
G1
8
1
7
3
VSENSE
FB
R1
R2
FOR FIXED
VOLTAGE
VERSIONS
3
VOUT
VREF
VREF
VREF – 3%
VREF + 3%
VREF/2
VREF/2
1530 BD
LVC
CC
6
IMAX
IMAX
5
HCL
MONO
MHCL
FIXED VOUT
1.9V
2.5V
2.8V
3.3V
R1
23.4k
44.4k
54.9k
68.4k
R2
43.2k
43.2k
43.2k
40.8k
BLOCK DIAGRA
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com