Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1530CS8 Datasheet HTML 16Page - Linear Technology LTC1530CS8 Datasheet HTML 17Page - Linear Technology LTC1530CS8 Datasheet HTML 18Page - Linear Technology LTC1530CS8 Datasheet HTML 19Page - Linear Technology LTC1530CS8 Datasheet HTML 20Page - Linear Technology LTC1530CS8 Datasheet HTML 21Page - Linear Technology LTC1530CS8 Datasheet HTML 22Page - Linear Technology LTC1530CS8 Datasheet HTML 23Page - Linear Technology LTC1530CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1530
PART NUMBER
DESCRIPTION
COMMENTS
LTC1266
Current Mode Step-Up/Down Switching Regulator Controller
Synchronous N- or P-Channel FETs,
Comparator/Low-Battery Detector
LTC1430A
High Power Step-Down Switching Regulator Controller
Synchronous N-Channel FETs, 3.3V to 2.5V Conversion
LTC1553
5-Bit Programmable Synchronous Switching Regulator
Synchronous N-Channel FETs, Voltage Mode PVCC ≤ 20V,
Controller for Pentium II Processor
1.8V to 3.5V Output
LTC1628
Dual High Efficiency Low Noise Synchronous Step-Down
Constant Frequency, Standby 5V and 3.3V LDOs,
Switching Regulator
3.5V
≤ VIN ≤ 36V
LTC1629
20A to 200A PolyPhase
TM Synchronous Controller
Expandable from 2-Phase to 12-Phase, Uses All
Surface Mount Components, No Heat Sink
LTC1702
No RSENSE 2-Phase Dual Synchronous Step-Down Controller
550kHz, No Sense Resistor
LTC1709
2-Phase Synchronous Controller with 5-Bit VID
Current Mode, VIN to 36V, IOUT Up to 42A,
VOUT from 1.3V to 3.5V
LTC1735
High Efficiency Synchronous Step-Down Switching Regulator
Drives Synchronous N-Channel FETs, VIN ≤ 36V
LTC1753
5-Bit Programmable Synchronous Switching Regulator
Synchronous N-Channel FETs, Voltage Mode PVCC ≤ 14V,
Controller for Pentium II and Pentium III Processors
1.3V to 3.5V Output, VRM8.2 to VRM8.4
LTC1772
SOT-23 Step-Down Controller
100% Duty Cycle, Up to 4A, 2.2V to 9.8V VIN
LTC1873
Dual 550kHz 2-Phase Synchronous Controller with 5-Bit VID
Desktop VID Codes, IOUT Up to 25A On Each Channel,
28-Lead SSOP
LTC1929
2-Phase Synchronous Controller
Up to 42A, Uses All Surface Mount Components,
No Heat Sink, 3.5V
≤ VIN ≤ 36V
PolyPhase is a trademark of Linear Technology Corporation.
1530f LT/TP 0200 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
LTC1530 – 5V to 2.5V, 5A Inverting Polarity Converter
RELATED PARTS
C10
1
µF
C5
0.1
µF
C4
10
µF
COUT
1500
µF
6.3V
× 3
L1
2.5
µH
RSENSE
0.02
Ω
Q4
2N3904
Q5
2N3904
R9
10k
R11
10k
R12
40k
R10
1k
R13
1k
Z2
BZX55C6V2
1/2W, 6.2V
PVCC
GND
VIN = –5V
LTC1530-ADJ
G2
1
5
2
4
7
6
8
3
COMP
IFB
IMAX
G1
VSENSE
1530 TA06
CIN, COUT = 3× SANYO 6MV1500GX
L1 = PANASONIC ETQP6F2R5HA PCC-N6
Q1,Q2 = SILICONIX SUD50N03-10
RSENSE = DALE LVR-1, 1W
RC
5.6k
R6
2k
R7
22
Ω
CC
0.1
µF
Q1
Q2
GND
GND
Q3
2N3906
HARD CURRENT LIMIT CIRCUIT
(OPTIONAL)
C1
1000pF
R1
1.5K
R2
1k
VOUT*
2.5V
5A
Z1
1N4742A
(OPTIONAL)
MBRS130
R8
4.7
Ω
MBRS130
+
C8
0.22
µF
C9
1
µF
+
CIN
1500
µF
6.3V
× 3
+
*FOR HIGHER OUTPUT VOLTAGE (EX 3.3V),
INCREASE R8 TO 20
Ω AND INSTALL Z1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com