Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1530CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1530CS8
Description  High Power Synchronous Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1530CS8 Datasheet HTML 1Page - Linear Technology LTC1530CS8 Datasheet HTML 2Page - Linear Technology LTC1530CS8 Datasheet HTML 3Page - Linear Technology LTC1530CS8 Datasheet HTML 4Page - Linear Technology LTC1530CS8 Datasheet HTML 5Page - Linear Technology LTC1530CS8 Datasheet HTML 6Page - Linear Technology LTC1530CS8 Datasheet HTML 7Page - Linear Technology LTC1530CS8 Datasheet HTML 8Page - Linear Technology LTC1530CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1530
PVCC Shutdown Supply Current
vs Temperature
PVCC Supply Current
vs Gate Capacitance
Shutdown Threshold Voltage
vs Temperature
Output Overcurrent Protection
Transient Response
50
µs/DIV
1530 G18
2A/DIV
50mV/DIV
Error Amplifier Open-Loop Gain
vs Temperature
Oscillator Frequency
vs Temperature
Maximum G1 Duty Cycle
vs Ambient Temperature
IMAX Sink Current vs Temperature
TEMPERATURE (
°C)
–55
60
55
50
45
40
–15
25
45
125
1530 G10
–35
5
65
85 105
TEMPERATURE (
°C)
–55
350
340
330
320
310
300
290
280
270
260
250
–15
25
45
125
1530 G11
–35
5
65
85 105
AMBIENT TEMPERATURE (
°C)
–55
92
90
88
86
84
82
80
78
–15
25
45
125
1530 G12
–35
5
65
85 105
THERMAL SHUTDOWN OCCURS
BEYOND THESE POINTS
G1, G2
CAPACITANCE
= 1000pF
PVCC = 12V
fOSC = 300kHz
7700pF
5500pF
3300pF
2200pF
TEMPERATURE (
°C)
–55
300
280
260
240
220
200
180
160
140
120
–15
25
45
125
1530 G13
–35
5
65
85 105
PVCC = 12V
G1, G2 ARE NOT SWITCHING
GATE CAPACITANCE (nF)
0
6
1530 G14
24
8
70
60
50
40
30
20
10
0
1357
PVCC = 12V
TA = 25°C
GATE CAPACITANCE = CG1 = CG2
TEMPERATURE (
°C)
–55
80
75
70
65
60
55
50
45
40
35
30
–15
25
45
125
1530 G15
–35
5
65
85 105
PVCC = 12V
OUTPUT CURRENT (A)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
8
1530 G17
2
13
5
7
9
4
6
10
SHORT-CIRCUIT
CURRENT
PVCC = 12V
TA = 25°C
REFER TO
FIGURE 2
TEMPERATURE (
°C)
–55
250
200
150
100
50
0
–15
25
45
125
1530 G16
–35
5
65
85 105
PVCC = 12V
MEASURED AT
COMP PIN
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com