Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1104KB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJG1104KB2
- 2 -
nABSOLUTE MAXIMUM RATINGS
( T
a=25°C, Zs=Zl=50Ω )
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
Drain Voltage
V
DD
6.0
V
Gain Control Voltage
V
CONT
4.0
V
Input Power
P
in
V
DD=2.8V
+20
dBm
Power Dissipation
P
D
450
mW
Operating Temperature
T
opr
-40~+85
°C
Storage Temperature
T
stg
-55~+125
°C
nELECTRICAL CHARACTERISTICS
(V
DD =2.8V, VCONT=1.7V, f=865MHz, Ta=25°C, Zs=Zl=50Ω )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency
freq
830
865
900
MHz
Drain Voltage
V
DD
2.7
2.8
5.5
V
Gain Control Voltage
V
CONT
0.2
1.7
3.0
V
Operating Current
I
DD
No RF Signal
-
6.0
7.5
mA
Gain Control Terminal
Current
I
CONT
No RF Signal
-
1.0
5.0
uA
Small Signal Gain
Gain
13.0
15.0
17.0
dB
Gain Flatness
G
flat
f=830~900MHz
-
0.5
1.0
dB
Gain Control Range
G
CONT
V
CONT=0.2V, 1.7V
18.5
20.5
22.5
dB
Noise Figure
NF
-
1.20
1.40
dB
Pout at 1dB Gain
Compression point
P
-1dB
-
+8.0
-
dBm
Output 3rd Order
Intercept Point
OIP3
f=865.0+865.1MHz
Pin=-30dBm
+19.0
+21.0
-
dBm
Input 3rd Order
Intercept Point 1
IIP3-1
f=865.0+865.1MHz
Pin=-30dBm
+4.0
+6.0
-
dBm
Input 3rd Order
Intercept Point 2
IIP3-2
f=865.0+865.1MHz
Pin=-10dBm
V
CONT =0.2V
+21.0
+26.0
-
dBm
RF Input Port VSWR
VSWR
i
-
1.5
2.0
-
RF Output Port VSWR
VSWR
o
-
1.5
2.0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com