Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1104KB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NJG1104KB2
- 5 -
nTYPICAL CHARACTERISTICS
Equations of OIP3 and IIP3
2
3
IM
-
Pout
×
3
=
3
OIP
Gain
-
3
OIP
=
3
IIP
VCONT=1.7V@ Pin=-30dBm
VCONT=0.2V@ Pin=-10dBm
60
80
100
120
140
160
180
200
3
4
5
6
7
8
9
10
11
Rbias vs. IDD
IDD (mA)
(V
DD
=2.8V, V
CONT
=1.7V)
10
15
20
25
0
5
10
15
4
5
6
7
8
9
10
OIP3,IIP3 vs. IDD
IDD (mA)
(V
DD
=2.8V,V
CONT
=1.7V,f=865+865.1MHz,Pin=-30dBm)
IIP3
OIP3
10
15
20
25
5
10
15
20
0.0
0.5
1.0
1.5
2.0
OIP3,IIP3 vs. VCONT
VCONT (V)
(V
DD
=2.8V,I
DD
=6mA,f=865+865.1MHz,Pin=-30dBm)
IIP3
OIP3
0
5
10
15
20
25
30
-10
-5
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
NF,Gain vs. VCONT
(V
DD
=2.8V, f=865MHz)
VCONT (V)
NF
Gain
0.0
0.5
1.0
1.5
2.0
12
13
14
15
16
4
5
6
7
8
9
10
NF,Gain vs. IDD
IDD (mA)
(V
DD
=2.8V,V
CONT
=1.7V,f=865MHz)
NF
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com