Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1104KB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NJG1104KB2
- 4 -
nTYPICAL CHARACTERISTICS
10
12
14
16
18
20
-10
-8
-6
-4
-2
0
700
750
800
850
900
950
1000
NF,Gain vs. frequency
(V
DD
=2.8V,V
CONT
=0.2V,I
DD
=6mA)
frequency (MHz)
NF
Gain
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
11
12
13
14
15
16
17
18
700
750
800
850
900
950
1000
NF,Gain vs. frequency
(V
DD
=2.8V,V
CONT
=1.7V,I
DD
=6mA)
frequency (MHz)
NF
Gain
-40
-30
-20
-10
0
10
-30
-20
-10
0
10
-25
-20
-15
-10
-5
0
Pin (dBm)
Pout,Gain vs. Pin
(V
DD
=2.8V,V
CONT
=0.2V,f=865MHz)
Gain
Pout
-15
-10
-5
0
5
10
15
-40
-30
-20
-10
0
10
5
10
15
20
Pin (dBm)
Pout,Gain vs. Pin
(V
DD
=2.8V,V
CONT
=1.7V,f=865MHz)
P-1dB=7.7dBm
Gain
Pout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com