Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1104KB2-R1 Datasheet HTML 1Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NJG1104KB2
- 1 -
800MHz BAND LNA GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1104KB2 is a variable gain low noise amplifier (LNA).
At 800MHz band, noise figure is 1.2dB, variable gain range
is 21dB and input 3rd order intercept point is +6dBm. These
characteristics are very suitable for CDMA cellular phone
application.
The variable attenuators placed in front of LNA realize wide
range of input power with low distortion.
Very small and thin FLP6-B2 package is adopted.
nFEATURES
lLow voltage operation
+2.8V typ.
lLow current consumption
6.0mA typ.
lHigh gain
15dB typ. @f=865MHz
lLow noise figure
1.2dB typ. @f=865MHz
lVariable gain control
21dB typ. @f=865MHz,V
CONT=0.2 to 1.7V
lHigh input IP3
+6dBm typ. @f=865.0+865.1MHz, P
in=-30dBm
lHigh output IP3
+21dBm typ. @f=865.0+865.1MHz, P
in=-30dBm
lUltra small & ultra thin package
FLP6-B2 (Mount Size: 2.1x2.0x0.75mm)
nPIN CONFIGURATION
NJG1104KB2
Pin Connection
1.SOURCE
2.GND
3.RFout
4.GND
5.VCONT
6.RFin
ATT
AMP
1
2
3
6
5
4
KB2 Type
(Top View)
Note: The
portion above shows orientation mark printed on the package surface.


Similar Part No. - NJG1104KB2-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1101F NJRC-NJG1101F Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C1 NJRC-NJG1101F-C1 Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C2 NJRC-NJG1101F-C2 Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C3 NJRC-NJG1101F-C3 Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
NJG1101F-C4 NJRC-NJG1101F-C4 Datasheet
337Kb / 15P
WIDE BAND AGC AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1104KB2-R1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
800MHz BAND MIXER GaAs MMIC
NJG1551F NJRC-NJG1551F Datasheet
312Kb / 13P
800mhZ band mixer gAaS mmic
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
800mhZ band mixer gAaS mmic
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
800MHz BAND FRONT-END GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
CDMA DUAL BAND LNA GaAs MMIC
NJG1138HA8 NJRC-NJG1138HA8 Datasheet
509Kb / 14P
900MHz Band LNA GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com