Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1104KB2-R1 Datasheet HTML 2Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 3Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NJG1104KB2
- 6 -
nTYPICAL CHARACTERISTICS
Equations of OIP3 and IIP3
2
3
IM
-
Pout
×
3
=
3
OIP
Gain
-
3
OIP
=
3
IIP
VCONT=1.7V@ Pin=-30dBm
VCONT=0.2V@ Pin=-10dBm
6.0
6.2
6.4
6.6
6.8
7.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IDD vs. VDD
VDD
(V
CONT
=1.7V)
1.0
1.2
1.4
1.6
1.8
2.0
10
12
14
16
18
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
NF,Gain vs. VDD
VDD (V)
(V
CONT
=1.7V,f=865MHz)
NF
Gain
5
6
7
8
9
10
-50
0
50
100
IDD vs. Ta
Ta (
oC)
(V
DD
=2.8V,V
CONT
=1.7V)
10
15
20
25
0
5
10
15
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
OIP3,IIP3 vs. VDD
VDD (V)
(V
CONT
=1.7V,f=865+865.1MHz,Pin=-30dBm)
IIP3
OIP3
18
19
20
21
22
23
5
6
7
8
9
10
820
840
860
880
900
920
OIP3,IIP3 vs. frequency
frequency (MHz)
(V
DD
=2.8V,V
CONT
=1.7V,f1=freq,f2=freq+100kHz,Pin=-30dBm)
IIP3
OIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com