Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1104KB2-R1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1104KB2-R1
Description  800MHz BAND LNA GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1104KB2-R1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1104KB2-R1 Datasheet HTML 4Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 5Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 6Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 7Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 8Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 9Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 10Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 11Page - New Japan Radio NJG1104KB2-R1 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NJG1104KB2
- 10 -
nTYPICAL CHARACTERISTICS
Scattering Parameter Table at Minimum Gain
V
DD=2.8V, VCONT=0.2V, IDD=6.1mA, Zo=50Ω
S11
S21
S12
S22
Freq
(MHz)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
100
0.771
-62.4
2.226
171.8
0.002
-94.5
0.784
-9.3
200
0.573
-99.1
1.803
141.7
0.004
25.2
0.728
-6.5
300
0.480
-121.8
1.405
128.1
0.005
37.2
0.744
-4.9
400
0.430
-138.2
1.151
119.5
0.003
70.3
0.774
-5.6
500
0.405
-150.1
0.975
113.2
0.007
67.3
0.801
-7.5
600
0.391
-159.8
0.849
107.8
0.007
67.3
0.829
-10.2
700
0.381
-167.4
0.749
103.2
0.009
76.9
0.850
-13.2
800
0.373
-174.5
0.666
99.0
0.010
70.2
0.867
-16.4
900
0.369
179.3
0.597
95.3
0.013
75.7
0.884
-19.8
1000
0.366
173.4
0.538
91.7
0.014
73.3
0.897
-23.1
1100
0.365
168.5
0.489
88.4
0.015
74.7
0.905
-26.4
1200
0.365
163.1
0.443
84.9
0.017
73.9
0.910
-29.8
1300
0.367
158.7
0.406
81.9
0.019
70.8
0.918
-33.2
1400
0.369
154.2
0.371
78.8
0.020
68.7
0.923
-36.7
1500
0.372
150.2
0.338
76.0
0.021
65.2
0.930
-40.0
1600
0.374
146.3
0.310
73.1
0.023
63.8
0.932
-43.4
1700
0.378
142.6
0.283
70.6
0.024
64.2
0.938
-47.0
1800
0.384
139.1
0.257
67.8
0.026
63.6
0.942
-50.4
1900
0.388
136.5
0.232
64.7
0.027
60.2
0.944
-53.9
2000
0.388
133.1
0.211
62.7
0.029
59.5
0.947
-57.6
Note
V
DD (=2.8V) is supplied through “BIAS CONNECT (PORT2)” of Network Analyzer.
Network Analyzer
Port1
1000p
VCONT=0.2V
GND
ATT
AMP
1000p
GND
5.6n
120
1
2
3
6
5
4
RFout
SOURCE
RFin
Vcont
Reference Plane
Reference Plane
Network Analyzer
Port2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com